Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 15Page - Infineon Technologies AG C164CI Datasheet HTML 16Page - Infineon Technologies AG C164CI Datasheet HTML 17Page - Infineon Technologies AG C164CI Datasheet HTML 18Page - Infineon Technologies AG C164CI Datasheet HTML 19Page - Infineon Technologies AG C164CI Datasheet HTML 20Page - Infineon Technologies AG C164CI Datasheet HTML 21Page - Infineon Technologies AG C164CI Datasheet HTML 22Page - Infineon Technologies AG C164CI Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Semiconductor Group
19
1998-02
C164CI
General Purpose Timer (GPT) Unit
The GPT unit represents a very flexible multifunctional timer/counter structure which may be used
for many different time related tasks such as event timing and counting, pulse width and duty cycle
measurements, pulse generation, or pulse multiplication.
The GPT unit incorporates three 16-bit timers. Each timer may operate independently in a number
of different modes, or may be concatenated with another timer.
Timer T3 can be configured for one of four basic modes of operation, which are Timer, Gated Timer,
Counter, and Incremental Interface Mode. Timers T2 and T4 can only be operated in timer mode.
In Timer Mode, the input clock for a timer is derived from the CPU clock, divided by a programmable
prescaler, while Counter Mode allows a timer to be clocked in reference to external events.
Pulse width or duty cycle measurement is supported in Gated Timer Mode, where the operation of
a timer is controlled by the ‘gate’ level on an external input pin. For these purposes the associated
port pin (T3IN) serves as gate or clock input. The maximum resolution of the timers is 400 ns (@
20 MHz CPU clock).
The count direction (up/down) for each timer is programmable by software or may additionally be
altered dynamically by an external signal on pin T3EUD for T3 to facilitate eg. position tracking.
In Incremental Interface Mode timer T3 can be directly connected to the incremental position sensor
signals A and B via the respective inputs T3IN and T3EUD. Direction and count signals are
internally derived from these two input signals, so the contents of timer T3 corresponds to the
sensor position. The third position sensor signal TOP0 can be connected to an interrupt input.
Timer T3 has an output toggle latch (T3OTL) which changes its state on each timer over-flow/
underflow. The state of this latch may be used internally to clock timers T2 and T4 for measuring
long time periods with high resolution.
In addition to their basic operating modes, timers T2 and T4 may be configured as reload registers
for timer T3. When used as reload registers, timers T2 and T4 are stopped. Timer T3 is reloaded
with the contents of T2 or T4 triggered by a selectable state transition of its toggle latch T3OTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com