Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 38Page - Infineon Technologies AG C164CI Datasheet HTML 39Page - Infineon Technologies AG C164CI Datasheet HTML 40Page - Infineon Technologies AG C164CI Datasheet HTML 41Page - Infineon Technologies AG C164CI Datasheet HTML 42Page - Infineon Technologies AG C164CI Datasheet HTML 43Page - Infineon Technologies AG C164CI Datasheet HTML 44Page - Infineon Technologies AG C164CI Datasheet HTML 45Page - Infineon Technologies AG C164CI Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Semiconductor Group
42
1998-02
C164CI
Notes
1) V
AIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in these
cases will be X000H or X3FFH, respectively.
2) The limit values for f
BC must not be exceeded when selecting the CPU frequency and the ADCTC setting.
3) This parameter includes the sample time t
S, the time for determining the digital result and the time to load the
result register with the conversion result.
Values for the basic clock tBC depend on programming and can be taken from the table above.
This parameter depends on the ADC control logic. It is not a real maximum value, but rather a fixum.
4) TUE is tested at V
AREF=5.0V, VAGND=0V, VDD=4.9V. It is guaranteed by design for all other voltages within the
defined voltage range.
The specified TUE is guaranteed only if an overload condition (see
I
OV specification) occurs on maximum 2
not selected analog input pins and the absolute sum of input overload currents on all analog input pins does
not exceed 10 mA.
During the reset calibration sequence the maximum TUE may be
±4 LSB.
5) During the conversion the ADC’s capacitance must be repeatedly charged or discharged. The internal
resistance of the reference voltage source must allow the capacitance to reach its respective voltage level
within each conversion step. The maximum internal resistance results from the programmed conversion
timing.
6) Not 100% tested, guaranteed by design.
7) During the sample time the input capacitance C
I can be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitance to reach its final voltage level within tS.
After the end of the sample time tS, changes of the analog input voltage have no effect on the conversion result.
Values for the sample time tS depend on programming and can be taken from the table above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com