| Electronic Components Datasheet Search |
|
C164CI Datasheet(PDF) 14 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164CI Datasheet(HTML) 14 Page - Infineon Technologies AG |
|
14 / 53 page ![]() Semiconductor Group 14 1998-02 C164CI Interrupt System With an interrupt response time within a range from just 250 ns to 600 ns (in case of internal program execution), the C164CI is capable of reacting very fast to the occurrence of non- deterministic events. The architecture of the C164CI supports several mechanisms for fast and flexible response to service requests that can be generated from various sources internal or external to the microcontroller. Any of these interrupt requests can be programmed to being serviced by the Interrupt Controller or by the Peripheral Event Controller (PEC). In contrast to a standard interrupt service where the current program execution is suspended and a branch to the interrupt vector table is performed, just one cycle is ‘stolen’ from the current CPU activity to perform a PEC service. A PEC service implies a single byte or word data transfer between any two memory locations with an additional increment of either the PEC source or the destination pointer. An individual PEC transfer counter is implicity decremented for each PEC service except when performing in the continuous transfer mode. When this counter reaches zero, a standard interrupt is performed to the corresponding source related vector location. PEC services are very well suited, for example, for supporting the transmission or reception of blocks of data. The C164CI has 8 PEC channels each of which offers such fast interrupt-driven data transfer capabilities. A separate control register which contains an interrupt request flag, an interrupt enable flag and an interrupt priority bitfield exists for each of the possible interrupt sources. Via its related register, each source can be programmed to one of sixteen interrupt priority levels. Once having been accepted by the CPU, an interrupt service can only be interrupted by a higher prioritized service request. For the standard interrupt processing, each of the possible interrupt sources has a dedicated vector location. Fast external interrupt inputs are provided to service external interrupts with high precision requirements. These fast interrupt inputs feature programmable edge detection (rising edge, falling edge or both edges). Software interrupts are supported by means of the ‘TRAP’ instruction in combination with an individual trap (interrupt) number. The following table shows all of the possible C164CI interrupt sources and the corresponding hardware-related interrupt flags, vectors, vector locations and trap (interrupt) numbers: Source of Interrupt or PEC Service Request Request Flag Enable Flag Interrupt Vector Vector Location Trap Number Fast External Interrupt 0 CC8IR CC8IE CC8INT 00’0060H 18H Fast External Interrupt 1 CC9IR CC9IE CC9INT 00’0064H 19H Fast External Interrupt 2 CC10IE CC10IE CC10INT 00’0068H 1AH Fast External Interrupt 3 CC11IE CC11IE CC11INT 00’006CH 1BH GPT1 Timer 2 T2IR T2IE T2INT 00’0088H 22H GPT1 Timer 3 T3IR T3IE T3INT 00’008CH 23H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |