| Electronic Components Datasheet Search |
|
C164CI Datasheet(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164CI Datasheet(HTML) 18 Page - Infineon Technologies AG |
|
18 / 53 page ![]() Semiconductor Group 18 1998-02 C164CI The Capture/Compare Unit CAPCOM6 The CAPCOM6 unit supports generation and control of timing sequences on up to three 16-bit capture/compare channels plus one 10-bit compare channel. In compare mode the CAPCOM6 unit provides two output signals per channel which have inverted polarity and non-overlapping pulse transitions. The compare channel can generate a single PWM output signal and is further used to modulate the capture/compare output signals. In capture mode the contents of compare timer 12 is stored in the capture registers upon a signal transition at pins CCx. For motor control applications both subunits may generate versatile multichannel PWM signals which are basically either controlled by compare timer 12 or by a typical hall sensor pattern at the interrupt inputs (block commutation). Compare timers 12 (16-bit) and 13 (10-bit) are free running timers which are clocked by the prescaled CPU clock. Figure 5 CAPCOM6 Block Diagram MCB03700 CC Channel 0 CC60 CC61 CC Channel 1 CC Channel 2 CC62 Mode Select Register CC6MSEL T12P Period Register 16-Bit Compare Timer T12 T12OF Offset Register Control Register CTCON Compare Timer T13 10-Bit T13P Period Register CMP13 Compare Register Trap Register Control CC6M CON.H Commutation Block CTRAP CC60 COUT60 CC61 COUT61 CC62 COUT62 COUT63 CC6POS0 CC6POS1 CC6POS2 CPU f f CPU These Registers are not direct accessable. The period and offset registers are loading a value into the timer registers. 1) 1) 1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |