Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 18Page - Infineon Technologies AG C164CI Datasheet HTML 19Page - Infineon Technologies AG C164CI Datasheet HTML 20Page - Infineon Technologies AG C164CI Datasheet HTML 21Page - Infineon Technologies AG C164CI Datasheet HTML 22Page - Infineon Technologies AG C164CI Datasheet HTML 23Page - Infineon Technologies AG C164CI Datasheet HTML 24Page - Infineon Technologies AG C164CI Datasheet HTML 25Page - Infineon Technologies AG C164CI Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Semiconductor Group
22
1998-02
C164CI
A/D Converter
For analog signal measurement, a 10-bit A/D converter with 8 multiplexed input channels and a
sample and hold circuit has been integrated on-chip. It uses the method of successive
approximation. The sample time (for loading the capacitors) and the conversion time is
programmable and can so be adjusted to the external circuitry.
Overrun error detection/protection is provided for the conversion result register (ADDAT): either an
interrupt request will be generated when the result of a previous conversion has not been read from
the result register at the time the next conversion is complete, or the next conversion is suspended
in such a case until the previous result has been read.
For applications which require less than 8 analog input channels, the remaining channel inputs can
be used as digital input port pins.
The A/D converter of the C164CI supports four different conversion modes. In the standard Single
Channel conversion mode, the analog level on a specified channel is sampled once and converted
to a digital result. In the Single Channel Continuous mode, the analog level on a specified channel
is repeatedly sampled and converted without software intervention. In the Auto Scan mode, the
analog levels on a prespecified number of channels are sequentially sampled and converted. In the
Auto Scan Continuous mode, the number of prespecified channels is repeatedly sampled and
converted. In addition, the conversion of a specific channel can be inserted (injected) into a running
sequence without disturbing this sequence. This is called Channel Injection Mode.
The Peripheral Event Controller (PEC) may be used to automatically store the conversion results
into a table in memory for later evaluation, without requiring the overhead of entering and exiting
interrupt routines for each data transfer.
After each reset and also during normal operation the ADC automatically performs calibration
cycles. This automatic self-calibration constantly adjusts the converter to changing operating
conditions (eg. temperature) and compensates process variations.
These calibration cycles are part of the conversion cycle, so they do not affect the normal operation
of the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com