Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 4Page - Infineon Technologies AG C164CI Datasheet HTML 5Page - Infineon Technologies AG C164CI Datasheet HTML 6Page - Infineon Technologies AG C164CI Datasheet HTML 7Page - Infineon Technologies AG C164CI Datasheet HTML 8Page - Infineon Technologies AG C164CI Datasheet HTML 9Page - Infineon Technologies AG C164CI Datasheet HTML 10Page - Infineon Technologies AG C164CI Datasheet HTML 11Page - Infineon Technologies AG C164CI Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Semiconductor Group
8
1998-02
C164CI
PORT1:
P1L.0 –
P1L.7,
P1H.0 -
P1H.7
47 - 52,
57 - 58
59,
62 - 68
47
48
49
50
51
52
57
58
59
62
63
64
65
...
68
I/O
I/O
O
I/O
O
I/O
O
O
I
I
I
I
I
I
I
I
I
I
...
I
PORT1 consists of the two 8-bit bidirectional I/O ports P1L and
P1H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver is
put into high-impedance state.
The following Port 1 pins also serve for alternate functions:
P1L.0
CC60
CAPCOM6: Input / Output of Ch. 0
P1L.1
COUT60
CAPCOM6: Output of Channel 0
P1L.2
CC61
CAPCOM6: Input / Output of Ch. 1
P1L.3
COUT61
CAPCOM6: Output of Channel 1
P1L.4
CC62
CAPCOM6: Input / Output of Ch. 2
P1L.5
COUT62
CAPCOM6: Output of Channel 2
P1L.6
COUT63
Output of 10-bit Compare Channel
P1L.7
CTRAP
CAPCOM6: Trap Input
CTRAP is an input pin with an internal pullup resistor. A low
level on this pin switches the compare outputs of the
CAPCOM6 unit to the logic level defined by software.
P1H.0
CC6POS0
CAPCOM6: Position 0 Input
EX0IN
Fast External Interrupt 0 Input
P1H.1
CC6POS1
CAPCOM6: Position 1 Input
EX1IN
Fast External Interrupt 1 Input
P1H.2
CC6POS2
CAPCOM6: Position 2 Input
EX2IN
Fast External Interrupt 2 Input
P1H.3
EX3IN
Fast External Interrupt 3 Input
T7IN
CAPCOM2: Timer T7 Count Input
P1H.4
CC24IO
CAPCOM2: CC24 Capture Input
...
...
...
P1H.7
CC27IO
CAPCOM2: CC27 Capture Input
XTAL1
XTAL2
55
54
I
O
XTAL1:
Input to the oscillator amplifier and input to the
internal clock generator
XTAL2:
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1,
while leaving XTAL2 unconnected. Minimum and maximum
high/low and rise/fall times specified in the AC Characteristics
must be observed.
RSTIN
69
I
Reset Input with Schmitt-Trigger characteristics. A low level at
this pin for a specified duration while the oscillator is running
resets the C164CI. An internal pullup resistor permits power-
on reset using only a capacitor connected to
V
SS.
In bidirectional reset mode (enabled by setting bit BDRSTEN
in register SYSCON) the RSTIN line is pulled low for the
duration of the internal reset sequence upon a software or
WDT reset. 1)
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input (I)
Output (O)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com