Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 37Page - Infineon Technologies AG C164CI Datasheet HTML 38Page - Infineon Technologies AG C164CI Datasheet HTML 39Page - Infineon Technologies AG C164CI Datasheet HTML 40Page - Infineon Technologies AG C164CI Datasheet HTML 41Page - Infineon Technologies AG C164CI Datasheet HTML 42Page - Infineon Technologies AG C164CI Datasheet HTML 43Page - Infineon Technologies AG C164CI Datasheet HTML 44Page - Infineon Technologies AG C164CI Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Semiconductor Group
41
1998-02
C164CI
A/D Converter Characteristics
VDD = 4.25 - 5.5 V;
V
SS = 0 V
T
A = -40 to +85 °C
for SAF-C164CI
T
A = -40 to +125 °C
for SAK-C164CI
4.0 V
≤ V
AREF ≤ VDD+0.1 V ; VSS-0.1 V ≤ VAGND ≤ VSS+0.2 V
Sample time and conversion time of the C164CI’s A/D Converter are programmable. The table
below should be used to calculate the above timings.
The limit values for
f
BC must not be exceeded when selecting ADCTC.
Converter Timing Example:
Assumptions:
fCPU = 20 MHz (ie. tCPU = 50 ns), ADCTC = ’00’, ADSTC = ’00’.
Basic clock
fBC
= fCPU / 4 = 5 MHz, ie. tBC = 200 ns.
Sample time
tS
= tBC * 8 = 1600 ns.
Conversion time tC
= tS + 40 tBC + 2 tCPU = (1600 + 8000 + 100) ns = 9.7 µs.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog input voltage range
V
AIN
SR
V
AGND
V
AREF
V
1)
Basic clock frequency
f
BC
0.5
6
MHz
2)
Conversion time
t
C
CC –
40
t
BC +
t
S + 2 tCPU
3)
t
CPU = 1 / fCPU
Total unadjusted error
TUE CC –
± 2LSB 4)
Internal resistance of reference
voltage source
R
AREF SR
–
t
BC / 60
- 0.25
k
Ω
t
BC in [ns]
5) 6)
Internal resistance of analog
source
R
ASRC SR
–
t
S / 450
- 0.25
k
Ω
t
S in [ns]
6) 7)
ADC input capacitance
C
AIN
CC –
33
pF
6)
ADCON.15|14
(ADCTC)
A/D Converter Basic clock
fBC
2)
ADCON.13|12
(ADSTC)
Sample time tS
7)
00
fCPU / 4
00
tBC * 8
01
fCPU / 2
01
tBC * 16
10
fCPU / 16
10
tBC * 32
11
fCPU / 8
11
tBC * 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com