Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 5Page - Infineon Technologies AG C164CI Datasheet HTML 6Page - Infineon Technologies AG C164CI Datasheet HTML 7Page - Infineon Technologies AG C164CI Datasheet HTML 8Page - Infineon Technologies AG C164CI Datasheet HTML 9Page - Infineon Technologies AG C164CI Datasheet HTML 10Page - Infineon Technologies AG C164CI Datasheet HTML 11Page - Infineon Technologies AG C164CI Datasheet HTML 12Page - Infineon Technologies AG C164CI Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Semiconductor Group
9
1998-02
C164CI
1) The following behaviour differences must be observed when the bidirectional reset is active:
q
Bit BDRSTEN in register SYSCON cannot be changed after EINIT.
q
After a reset bit BDRSTEN is cleared.
q
Bit WDTR will always be ’0’, even after a watchdog timer reset.
q
The PORT0 configuration is treated like on a hardware reset. Especially the bootstrap loader
may be activated when P0L.4 is low.
q
Pin RSTIN may only be connected to external reset devices with an open drain output driver.
RSTOUT 70
O
Internal Reset Indication Output. This pin is set to a low level
when the part is executing either a hardware-, a software- or a
watchdog timer reset. RSTOUT remains low until the EINIT
(end of initialization) instruction is executed.
NMI
71
I
Non-Maskable Interrupt Input. A high to low transition at this
pin causes the CPU to vector to the NMI trap routine. When
the PWRDN (power down) instruction is executed, the NMI pin
must be low in order to force the C164CI to go into power
down mode. If NMI is high, when PWRDN is executed, the
part will continue to run in normal mode.
If not used, pin NMI should be pulled high externally.
P8.0 –
P8.3
72 -
75
72
...
75
I/O
I/O
I/O
...
I/O
Port 8
is
a
4-bit
bidirectional
I/O
port. It
is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state.
The following Port 8 pins also serve for alternate functions:
P8.0
CC16IO
CAPCOM2: CC16 Cap.-In/Comp.Out
...
...
...
P8.3
CC19IO
CAPCOM2: CC19 Cap.-In/Comp.Out
VAREF
1
-
Reference voltage for the A/D converter.
VAGND
80
-
Reference ground for the A/D converter.
VDD
7, 21,
40, 53,
61
-
Digital Supply Voltage:
+ 3 V / + 5 V during normal operation and idle mode.
≥ 2.5 V during power down mode
VSS
6, 20,
41, 56,
60
-
Digital Ground.
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input (I)
Output (O)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com