Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 36Page - Infineon Technologies AG C164CI Datasheet HTML 37Page - Infineon Technologies AG C164CI Datasheet HTML 38Page - Infineon Technologies AG C164CI Datasheet HTML 39Page - Infineon Technologies AG C164CI Datasheet HTML 40Page - Infineon Technologies AG C164CI Datasheet HTML 41Page - Infineon Technologies AG C164CI Datasheet HTML 42Page - Infineon Technologies AG C164CI Datasheet HTML 43Page - Infineon Technologies AG C164CI Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Semiconductor Group
40
1998-02
C164CI
AC Characteristics
External Clock Drive XTAL1
VDD = 4.25 - 5.5 V; VSS = 0 V
T
A = -40 to +85 °C
for SAF-C164CI
T
A = -40 to +125 °C
for SAK-C164CI
1) The minimum and maximum oscillator periods for PLL operation depend on the selected
CPU clock generation mode. Please see respective table above.
2) The clock input signal must reach the defined levels V
IL and VIH2.
Figure 11
External Clock Drive XTAL1
Parameter
Symbol
Direct Drive 1:1
Prescaler 2:1
PLL 1:N
Unit
min.
max.
min.
max.
min.
max.
Oscillator period
t
OSC
SR 50
8000
25
4000
75 1)
500 1)
ns
High time
t
1
SR 18 2)
–6–
10
–
ns
Low time
t
2
SR 18 2)
–6–
10
–
ns
Rise time
t
3
SR –
10 2)
–6 2)
–
10 2)
ns
Fall time
t
4
SR –
10 2)
–6 2)
–
10 2)
ns
MCT02534
3
t
4
t
VIH2
VIL
V
CC
0.5
1
t
e
t
asc
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com