Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 23 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 19Page - Texas Instruments TMDS181I Datasheet HTML 20Page - Texas Instruments TMDS181I Datasheet HTML 21Page - Texas Instruments TMDS181I Datasheet HTML 22Page - Texas Instruments TMDS181I Datasheet HTML 23Page - Texas Instruments TMDS181I Datasheet HTML 24Page - Texas Instruments TMDS181I Datasheet HTML 25Page - Texas Instruments TMDS181I Datasheet HTML 26Page - Texas Instruments TMDS181I Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The TMDS181 is a DVI or HDMI™ retimer. The TMDS181 supports four TMDS channels, audio return channel
(SPDIF_IN/ARC_OUT), hot plug detect, and DDC interfaces. The TMDS181 supports signaling rates up to 6
Gbps in retimer mode to allow for the highest resolutions of 4k2k60p 24 bits per pixel and up to WUXGA 16-bit
color depth or 1080p with higher refresh rates. In redriver mode it supports HDMI1.4b with data rates up to 3.4
Gbps. The TMDS181 can be configured to support the HDMI2.0a standard which includes higher data rate, lower
clock swing, and clock frequency. The TMDS181 can automatically configure itself as a redriver at low data rate
(<1.0 Gbps) or as a retimer above this data rate. For passing compliance and reducing system-level design
issues, several features are included such as TMDS output amplitude adjust using an external resistor on the
VSADJ pin and source termination selection control. Device operation and configuration can be programmed by
pin strapping or I2C. Four TMDS181s can be used on one I2C bus when I2C_EN enable and device address set
by A0/A1.
To reduce active power, the TMDS181 supports dual power supply rails of 1.2 V on VDD and 3.3 V on VCC.
There are several methods of power management, such as going into power-down mode using three methods:
•
HPD is low
•
Writing a 1 to register 09h[3]
•
De-asserting OE
De-asserting OE clears the I2C registers, thus once reasserted the device must be reprogrammed if I2C was
used for device setup. Upon return to normal active operation from reasserted OE or reasserted HPD, the
TMDS181 requires the source to write a 1 to the TMDS_CLOCK_RATIO_STATUS bit for the TMDS181 to
resume 1/40th clock mode. The TMDS181 does not reset this bit based upon a DDC read transaction. The
SIG_EN pin enables the signal detect circuit that provides an automatic power-management feature during
normal operation. When no valid signal is present on the inputs, the device will enter standby mode. By disabling
the detect circuit, the receiver block is always on, which is needed for certain HDMI CTS test. DDC link supports
the HDMI2.0 SCDC communication, 100 Kbps data rate default and 400 kbps adjustable by software.
TMDS181 supports both fixed EQ gain control or adaptive equalization to compensate for different lengths of
input cables or board traces. The EQ gain can be software adjusted by I2C control or selection between two fixed
values or adaptive (Retimer Mode Only) equalization by pin strapping EQ_SEL pin. The customer can pull up or
down TX_TERM_CTL through a 65 k
Ω resistor to change the termination impedance for improved output
performance when working in HDMI1.4b or leave it not connected. When not connected, the TMDS181 in
conjunction with the rate detect automatically changes its output termination to meet HDMI1.4b or HDMI2.0a
needs. For HDMI1.4b a transmitter termination of 150
Ω to 300 Ω is allowed for data rates above 2 Gbps to
compensate for reflections. The automatic termination selection will configure the TMDS181 for this. It is
important to note that there are times that this is not the best solution and no termination may be needed to pass
compliance. For HDMI2.0a the 75
Ω to 150 Ω transmitter termination is required and the link will not work if this
is not set.
The TMDS181 supports the audio return channel to support HDMI1.4b. To make implementation easier, the
TMDS181 supports input pin swapping and input polarity swap. When swapping the input pins, IN_CLK and
IN_D2 swap and IN_D1 and IN_D0 swap with each other. Swap works in both retimer and redriver mode.
Polarity swap exchanges the N and P channel polarity in each input lane and is only available during retimer
mode. Lane swap and polarity swap can be implemented at the same time in retimer mode.
Two temperature gradient versions of the device are available: extended commercial temperature range 0ºC to
85ºC (TMDS181) and industrial temperature range from –40ºC to 85ºC (TMDS181I).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com