Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 35 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 31Page - Texas Instruments TMDS181I Datasheet HTML 32Page - Texas Instruments TMDS181I Datasheet HTML 33Page - Texas Instruments TMDS181I Datasheet HTML 34Page - Texas Instruments TMDS181I Datasheet HTML 35Page - Texas Instruments TMDS181I Datasheet HTML 36Page - Texas Instruments TMDS181I Datasheet HTML 37Page - Texas Instruments TMDS181I Datasheet HTML 38Page - Texas Instruments TMDS181I Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
Table 6. MISC CONTROL Register Field Descriptions (continued)
ADDRESS
BITS
DEFAULT
DESCRIPTION
ACCESS
0Bh
7:5
3’b000
Reserved
R
4:3
2'b00
TX_TERM_CTL. Controls termination for HDMI TX.
RWU
00 – No termination (default)
01 – 150
Ω to 300 Ω
10 – Reserved
11 – 75
Ω to 150 Ω
Note: Writes are ignored when I2C_EN/PIN = 0; reflects the value of TX_TERM_CTL
pin.
2
1'b0
DDC_DR_SEL Defines the DDC output speed for DDC bridge
RW
0 = 100 kbps (default)
1 = 400 kbps
1
1'b0
TMDS_CLOCK_RATIO_STATUS. This field is updated from snoop of DDC write to
RWU
slave address 0xA8 offset 0x20 bit 1 that occurred on the SDA_SRC/SCL_SRC
interface. When bit 1 of address 0xA8 offset 0x20 in the SCDC register set is written
to a 1’b1, then this field will be set to a 1’b1. When bit 1 of address 0xA8 offset 0x20
is written to a 1’b0, then this field will be set to a 1’b0. This field is reset to default
value whenever HPD_SNK is de-asserted for greater than 2 ms.
0 – TMDS Clock is 1/10 of TMDS bit period (default)
1 – TMDS Clock is 1/40 of TMDS bit period
0
1'b0
DDC_TRAIN_SETDISABLE; This field indicate the DDC training block function status.
RW
If disabled the device will only work in HDMI1.x or DVI modes.
0 – DDC training enable (default)
1 – DDC training disable
Note: To force TMDS_CLOCK_RATIO_STATUS to 1 this register bit must be set to 1
which will force the 1/40 mode for HDMI2.0
0Ch
7:5
3’b000
VSWING_DATA: Data output swing control
RW
000 – Vsadj set (default)
001 – Increase by 7%
010 – Increase by 14%
011 – Increase by 21%
100 – Decrease by 30%
101 – Decrease by 21%
110 – Decrease by 14%
111 – Decrease by 7%
4:2
3’b000
VSWING_CLK: Clock output swing control: Default is set by Vsadj resistor value and
RW
the value of reg_0Dh[0].
000 – Vsadj (default)
001 – Increase by 7%
010 – Increase by 14%
011 – Increase by 21%
100 – Decrease by 30%
101 – Decrease by 21%
110 – Decrease by 14%
111 – Decrease by 7%
1:0
2’b00
HDMI_TWPST1[1:0]. HDMI de-emphasis FIR post-cursor-1 signed tap weight.
RWU
(Retimer Mode Only)
00 – No de-emphasis (default)
01 – 2 dB de-emphasis
10 – Reserved
11 – Reserved
Note: Reflects value of PRE_SEL pin; Writes are ignored when I2C_EN/PIN = 0
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com