Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 45 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 41Page - Texas Instruments TMDS181I Datasheet HTML 42Page - Texas Instruments TMDS181I Datasheet HTML 43Page - Texas Instruments TMDS181I Datasheet HTML 44Page - Texas Instruments TMDS181I Datasheet HTML 45Page - Texas Instruments TMDS181I Datasheet HTML 46Page - Texas Instruments TMDS181I Datasheet HTML 47Page - Texas Instruments TMDS181I Datasheet HTML 48Page - Texas Instruments TMDS181I Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
± W
R C
D D
9 W
9
 ± H

K
C C
u p (m in )
s in k
V
R
I

BUS
MASTER
TMDS181
TMDS181
TMDS181
BUS
SLAVE
Rup Rup
Rup
Rup
3.3 V
5 V
5 V
3.3 V
RUPsource
RUPsink
RUPsource
C1
C2
C1
C2
C2
5 V
C2
5 V
RUPsink
C3
C3
SOURCE
Active Cable
SINK
TSCL
TSDA
SDA_SRC
SLK_SRC SLK_SINK
SDA_SINK
SLK_SRC
SDA_SRC SDA_SINK
SLK_SINK
SLK_SRC
SDA_SRC SDA_SINK
SLK_SINK
RSLK
RSDA
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
9.2.3 Application Chain Showing DDC Connections
The DDC circuitry inside the TMDS181 allows multiple stage operation (see Figure 36). The retimer devices can
be connected to any of the bus segments. The number of devices that can be connected in series is limited by
repeater delay/time of flight considerations for the maximum bus speed requirements.
Figure 37. Typical Series Application
9.2.3.1 Detailed Design Procedure
9.2.3.1.1
DDC Pullup Resistors
NOTE
This section is informational only and subject to change depending upon the specific
system implementation.
The pullup resistor value is determined by two requirements.
1. The maximum sink current of the I2C buffer: The maximum sink current is 3 mA or slightly higher for an I2C
driver supporting standard-mode I2C operation.
(1)
2. The maximum transition time on the bus: The maximum transition time, T, of an I2C bus is set by an RC time
constant. The parameter, k, can be calculated from Equation 3 by solving for t, the times at which certain
voltage thresholds are reached. Different input threshold combinations introduce different values of t.
Table 10 summarizes the possible values of k under different threshold combinations.
T = k × RC
where
•
R is the pullup resistor value.
•
C is the total load capacitance.
(2)
(3)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com