Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 3 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 3 Page - Texas Instruments

  TMDS181I Datasheet HTML 1Page - Texas Instruments TMDS181I Datasheet HTML 2Page - Texas Instruments TMDS181I Datasheet HTML 3Page - Texas Instruments TMDS181I Datasheet HTML 4Page - Texas Instruments TMDS181I Datasheet HTML 5Page - Texas Instruments TMDS181I Datasheet HTML 6Page - Texas Instruments TMDS181I Datasheet HTML 7Page - Texas Instruments TMDS181I Datasheet HTML 8Page - Texas Instruments TMDS181I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
TMDS181RGZ
Top View
GND
1
10
9
8
7
6
5
4
3
2
30
21
22
23
24
25
26
27
28
29
11
20
19
18
17
16
15
14
13
12
40
31
32
33
34
35
36
37
38
39
HPD_SRC
GND
OUT_D0p
OUT_D0n
TX_TERM_CTL
41
42
43
44
45
46
47
48
I2C_EN/PIN
HPD_SNK
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
IN_CLKn
IN_CLKp
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_CLKp
OUT_CLKn
A1
SWAP/POL
GND
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com