Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 28 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 24Page - Texas Instruments TMDS181I Datasheet HTML 25Page - Texas Instruments TMDS181I Datasheet HTML 26Page - Texas Instruments TMDS181I Datasheet HTML 27Page - Texas Instruments TMDS181I Datasheet HTML 28Page - Texas Instruments TMDS181I Datasheet HTML 29Page - Texas Instruments TMDS181I Datasheet HTML 30Page - Texas Instruments TMDS181I Datasheet HTML 31Page - Texas Instruments TMDS181I Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
TMDS181
TMDS DRIVER
TMDS RECEIVER
Zo = RT
Zo = RT
AVCC
VCC
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
Table 3. TX Termination Control
PIN 36
DESCRIPTION
CONFIGURATION
TX_TERM_CTL = H
The transmitter has no termination
TX_TERM_CTL = L
The transmit termination impedance is approximately 75
Ω to 150 Ω to support
HDMI2.0a
TX_TERM_CTL = NC
Automatically selects the impedance
•
DR > 3.4 Gbps – 75
Ω to 150 Ω differential near end termination
•
2 Gbps > DR < 3.4 Gbps – 150
Ω to 300 Ω differential near-end termination
•
DR < 2 Gbps – No termination
8.3.10 TMDS Outputs
A 1% precision resistor, 7.06 k
Ω, is recommended to be connected from VSADJ pin to ground to allow the
differential output swing to comply with TMDS signal levels. The differential output driver provides a typical 10
mA current sink capability, which provides a typical 500 mV voltage drop across a 50
Ω termination resistor.
Figure 28. TMDS Driver and Termination Circuit
Referring to Figure 28, if VCC (TMDS181 supply) and AVCC (sink termination supply) are both powered, the
TMDS output signals are high impedance when OE = high. The normal operating condition is that both supplies
are active. Refer to Figure 28, if VCC is on and AVCC is off, the TMDS outputs source a typical 5-mA current
through each termination resistor to ground. A total of 33 mW of power is consumed by the terminations
independent of the OEB logical selection. When AVCC is powered on, normal operation (OE controls output
impedance) is resumed. When the power source of the device is off and the power source to termination is on,
the IO(off) output leakage current specification ensures the leakage current is limited to 45 μA or less. The VOD of
the clock and data lanes can be reduced through I2C. See Table 12 for details. Figure 3 shows the different
output voltages based on the different VSADJ settings.
8.3.11 Pre-Emphasis/De-Emphasis
The TMDS181 provides de-emphasis as a way to compensate for ISI loss between the TMDS181 outputs to a
TMDS receiver. There are two methods to implement this function. When in pin strapping mode the PRE_SEL
pin controls this function. The PRE_SEL pin provides - 2 dB or 0 dB de-emphasis, which allows the output signal
pre-conditioning to offset interconnect losses from the TMDS181 device to the TMDS receiver. De-emphasis is
recommended to be set at 0 dB while connecting to a receiver through short PCB route. When pulled to ground
though a 65 k
Ω resistor - 2 dB can be realized, see Figure 11. When using I2C, reg0Ch[1:0] is used to make
these adjustments.
As there are times that true pre-emphasis may be the best solution there are two ways to accomplish this. If pin
strapping is being used the best method is to reduce the VSADJ resistor value thus increasing the VOD swing
and then pulling the PRE_SEL pin to ground using the 65 k
Ω resistor, see . If using I2C there are two methods to
accomplish this. The first is similar to pin strapping by reducing the VSADJ resistor value and then implementing
- 2 dB de-emphasis. The second method is to set reg0Ch[7:5] = 011 and set reg0Ch[1:0] = 01 which will
accomplish the same pre-emphasis setting, see Figure 30.
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com