Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 7 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 3Page - Texas Instruments TMDS181I Datasheet HTML 4Page - Texas Instruments TMDS181I Datasheet HTML 5Page - Texas Instruments TMDS181I Datasheet HTML 6Page - Texas Instruments TMDS181I Datasheet HTML 7Page - Texas Instruments TMDS181I Datasheet HTML 8Page - Texas Instruments TMDS181I Datasheet HTML 9Page - Texas Instruments TMDS181I Datasheet HTML 10Page - Texas Instruments TMDS181I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
6.4 Thermal Information
TMDS181x
THERMAL METRIC(1)(2)
RGZ (VQFN)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
31.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.2
°C/W
RθJB
Junction-to-board thermal resistance
8.1
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
8.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Test conditions for
ΨJB and ΨJT are clarified in the Semiconductor and IC Package Thermal Metrics application report, SPRA953.
6.5 Power Supply Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
Device power dissipation
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS pattern, VI =
PD1
(3) (4)
800
900
mW
(retimer operation)
3.3 V, I2C_EN/PIN = L, PRE_SEL= NC, EQ_SEL= NC,
SDA_CTL/CLK_CTL = 0 V
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
Device power dissipation
IN_Dx: VID_PP = 1200 mV, 2.97 Gbps TMDS pattern, VI =
PD2
(3) (4)
500
600
mW
(redriver operation)
3.3 V, I2C_EN/PIN = L, PRE_SEL= NC, EQ_SEL= H,
SDA_CTL/CLK_CTL = 0 V
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V, HPD =
PSD1
(3) (4)
Device power in standby
50
100
mW
H, No valid input signal
Device power in power
PSD2
(3) (4)
OE = L, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
10
30
mW
down
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
VCC supply current (TMDS
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS pattern
ICC1
(3) (4)
131
150
mA
6Gpbs retimer mode)
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = NC,
SDA_CTL/CLK_CTL = 0 V
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
VDD supply current (TMDS
IN_Dx: VID_PP = 1200 mV, 6 Gbps TMDS pattern
IDD1
(3) (4)
332
350
mA
6Gpbs retimer mode)
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = NC,
SDA_CTL/CLK_CTL = 0 V
OE = H, VCC = 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
VCC supply current (TMDS
IN_Dx: VID_PP = 1200 mV, 2.97 Gbps TMDS pattern
ICC2
(3) (4)
92
mA
6Gpbs redriver mode)
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V
OE = H, VCC= 3.3 V/3.465 V, VDD = 1.2 V/1.27 V
VDD supply current (TMDS
IN_Dx: VID_PP = 1200 mV, 3.4 Gbps TMDS pattern
IDD2
(3) (4)
187
mA
6Gpbs redriver mode)
I2C_EN/PIN = L, PRE_SEL = NC, EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V
OE = H, VCC = 3.3 V/3.465 V, VDD =
3.3 V rail(3)
6
15
ISD1
Standby current
1.2 V/1.27 V, HPD = H: No valid
mA
1.2 V rail
40
50
signal on IN_CLK
3.3 V rail(3)
2
5
OE = L, VCC = 3.3 V/3.465 V, VDD =
ISD2
Power-down current
mA
1.2 V/1.27 V
1.2 V rail
3.5
15
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C temperature unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C temperature unless otherwise noted
(3)
ICC is a direct result of the source design as the TMDS181x integrated receive termination resistor accounts for 85 to 110 mA.
(4)
IDD is impacted by ARC usage. Connecting a 500 kΩ resistor to GND at SPDIF reduces the value by more than 20 mA
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com