Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 11 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 7Page - Texas Instruments TMDS181I Datasheet HTML 8Page - Texas Instruments TMDS181I Datasheet HTML 9Page - Texas Instruments TMDS181I Datasheet HTML 10Page - Texas Instruments TMDS181I Datasheet HTML 11Page - Texas Instruments TMDS181I Datasheet HTML 12Page - Texas Instruments TMDS181I Datasheet HTML 13Page - Texas Instruments TMDS181I Datasheet HTML 14Page - Texas Instruments TMDS181I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
Retimer mode
CDR Active
Td3
Td4
OE De-assert or
HPD_SNK De-assert or
Redriver mode
Td2
Td1
Vdd
Vcc
OE
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
6.9 Power-Up and Operation Timing Requirements
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
td1
VDD stable before VCC
0
200
µs
td2
VDD and VCC stable before OE assertion
100
µs
td3
CDR active operation after retimer mode initial
15
ms
td4
CDR turn off time after retimer mode de-assert
120
ns
VDD_ramp
VDD supply ramp up requirements
0.2
100
ms
VCC_ramp
VCC supply ramp up requirements
0.2
100
ms
(1)
See Operation Timing for more information
Figure 1. Power-Up Timing for TMDS181
Figure 2. CDR Timing for TMDS181
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com