Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 14 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 10Page - Texas Instruments TMDS181I Datasheet HTML 11Page - Texas Instruments TMDS181I Datasheet HTML 12Page - Texas Instruments TMDS181I Datasheet HTML 13Page - Texas Instruments TMDS181I Datasheet HTML 14Page - Texas Instruments TMDS181I Datasheet HTML 15Page - Texas Instruments TMDS181I Datasheet HTML 16Page - Texas Instruments TMDS181I Datasheet HTML 17Page - Texas Instruments TMDS181I Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Driver
VCC
50
Ÿ
50
Ÿ
Receiver
3.3 V
50
Ÿ
50
Ÿ
D+
DJ
VD+
VD±
VID
VID = VD+
± VD±
0.5 pF
Y
Z
VY
VZ
VOD = VY
± VZ
VICM = (VD+ + VD±)
2
VOC = (VY + VZ)
2
VSADJ (k:)
4
4.5
5
5.5
6
6.5
7
7.5
8
0
200
400
600
800
1000
1200
1400
1600
D003
VOD No Term
VOD 150 to 300 :
VOD 75 to 150 :
Data Rate (Gbps)
0
0.5
1
1.5
2
2.5
3
3.5
40
60
80
100
120
140
160
180
200
D001
1.2V
3.3V
Data Rate (Gbps)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
50
75
100
125
150
175
200
225
250
275
300
325
350
D002
1.2V
3.3V
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
6.13 Typical Characteristics
Figure 3. Current vs Data Rate Redriver Mode
Figure 4. Current vs Data Rate Retimer Mode
Figure 5. VSADJ vs VOD
7 Parameter Measurement Information
Figure 6. TMDS Main Link Test Circuit
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com