Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 33 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 29Page - Texas Instruments TMDS181I Datasheet HTML 30Page - Texas Instruments TMDS181I Datasheet HTML 31Page - Texas Instruments TMDS181I Datasheet HTML 32Page - Texas Instruments TMDS181I Datasheet HTML 33Page - Texas Instruments TMDS181I Datasheet HTML 34Page - Texas Instruments TMDS181I Datasheet HTML 35Page - Texas Instruments TMDS181I Datasheet HTML 36Page - Texas Instruments TMDS181I Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
Refer to Local I2C Control Bit Access TAG Convention for TMDS181 local I2C register descriptions. Reads from
reserved fields not described return zeros, and writes are ignored.
8.5.2 Local I2C Control Bit Access TAG Convention
Reads from reserved fields return zero, and writes to read-only reserved registers are ignored. All addresses not
defined by this specification are considered reserved. Reads from these addresses return zero and writes are
ignored.
BIT ACCESS TAG CONVENTIONS
A table of bit descriptions is typically included for each register description that indicates the bit field name, field
description, and the field access tags. Table 4 describes the field access tags.
Table 4. Field Access Tags
ACCESS TAG
NAME
DESCRIPTION
R
Read
The field will be read by software
W
Write
The field will be written by software
S
Set
The field will be set by a write of 1. Writes of 0 to the field have no effect
U
Update
Hardware may autonomously update this field
8.5.3 CSR Bit Field Definitions
8.5.3.1 ID Registers
Table 5. ID Registers Field Descriptions
ADDRESS
BITS
DESCRIPTION
ACCESS
00h~07h
7:0
DEVICE_ID
R
These fields return a string of ASCII characters “TMDS181” followed by one space
character.
TMDS181: Address 0x00 – 0x07 = {- 0x54”T”, 0x4D”M”, 0x44”D”, 0x53”S”, 0x31”1”,
0x38”8”, 0x31”1”, 0x20},
08h
7:0
REV _ID. This field identifies the device revision.
R
0000001 – TMDS181 revision 1
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com