Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 4 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 4 Page - Texas Instruments

  TMDS181I Datasheet HTML 1Page - Texas Instruments TMDS181I Datasheet HTML 2Page - Texas Instruments TMDS181I Datasheet HTML 3Page - Texas Instruments TMDS181I Datasheet HTML 4Page - Texas Instruments TMDS181I Datasheet HTML 5Page - Texas Instruments TMDS181I Datasheet HTML 6Page - Texas Instruments TMDS181I Datasheet HTML 7Page - Texas Instruments TMDS181I Datasheet HTML 8Page - Texas Instruments TMDS181I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
Pin Functions(1)
PIN
TYPE(2)
DESCRIPTION
NAME
NO.
VCC
13, 43
P
3.3 V power supply
VDD
14, 23, 24, 37, 48
P
1.2 V power supply
7, 19, 41, 30,
GND
G
Ground
Thermal pad
MAIN LINK INPUT PINS
IN_D2p/n
2, 3
I
Channel 2 differential input
IN_D1p/n
5, 6
I
Channel 1 differential input
IN_D0p/n
8, 9
I
Channel 0 differential input
IN_CLKp/n
11, 12
I
Clock differential input
MAIN LINK OUTPUT PINS (FAILAFE)
OUT_D2n/p
34, 35
O
TMDS data 2 differential output
OUT_D1n/p
31, 32
O
TMDS data 1 differential output
OUT_D0n/p
28, 29
O
TMDS data 0 differential output
OUT_CLKn/p
25, 26
O
TMDS data clock differential output
HOT PLUG DETECT PINS
HPD_SRC
4
O
Hot plug detect output to source side
HPD_SNK
33
I
Hot plug detect input from sink side
AUDIO RETURN CHANNEL AND DDC PINS
SPDIF_IN
45
SPDIF signal input
I/O
ARC_OUT
44
Audio return channel output
SDA_SRC
47
Source side TMDS port bidirectional DDC data line
I/O
SCL_SRC
46
Source side TMDS port bidirectional DDC clock line
SDA_SNK
39
Sink side TMDS port bidirectional DDC data line
I/O
SCL_SNK
38
Sink side TMDS port bidirectional DDC clock line
CONTROL PINS
Operation enable/reset pin
OE = L: Power-down mode
OE
42
I
OE = H: Normal operation
Internal weak pull up: Resets device when transitions from H to L
Signal detector circuit enable
SIG_EN = L: Signal detect circuit disabled:
SIG_EN
17
I
SIG_EN = H: Signal detect circuit enabled: When no valid clock device enters
standby mode.
Internal weak pull down
De-emphasis control when I2C_EN/PIN = Low.
PRE_SEL = L: –2 dB
I
PRE_SEL
20
PRE_SEL = No Connect: 0 dB
3 level
PRE_SEL = H: Reserved
When I2C_EN/PIN = High de-emphasis is controlled through I2C
Input receive equalization pin strap when I2C_EN/PIN = Low
EQ_SEL = L: Fixed EQ at 7.5 dB at 3 GHz
I
EQ_SEL = No Connect: Adaptive EQ
EQ_SEL/A0
21
3 level
EQ_SEL = H: Fixed at 14 dB at 3 GHz
When I2C_EN/PIN = High address bit 1
Note: 3 level for pin strap programming but 2 level when I2C address
I2C_EN/PIN = High; puts device into I2C Control Mode
I2C_EN/PIN = Low; puts device into pin strap mode
I2C_EN/PIN
10
I
Note: I2C CSR is addressable at all times, but features that can be controlled by pin
strapping can only be changed by I2C when this pin is pulled high
I2C clock signal
SCL_CTL
15
I
Note: When I2C_EN = Low Pin strapping takes priority and those functions cannot be
changed by I2C
(1)
(H) Logic high (pin strapped to VCC through 65 k
Ω resistor); (L) Logic Low (pin strapped to GND through 65 kΩ resistor); (for mid-level
= No connect)
(2)
G = Ground, I = Input, O = Output, P = Power
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com