Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 32 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 28Page - Texas Instruments TMDS181I Datasheet HTML 29Page - Texas Instruments TMDS181I Datasheet HTML 30Page - Texas Instruments TMDS181I Datasheet HTML 31Page - Texas Instruments TMDS181I Datasheet HTML 32Page - Texas Instruments TMDS181I Datasheet HTML 33Page - Texas Instruments TMDS181I Datasheet HTML 34Page - Texas Instruments TMDS181I Datasheet HTML 35Page - Texas Instruments TMDS181I Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
8.5 Register Maps
8.5.1 Local I2C Overview
The TMDS181 local I2C interface is always enabled, but will only be able to overwrite pin strapped features when
I2C_EN/PIN is high. The SCL_CTL and SDA_CTL terminals are used for I2C clock and data respectively. The
TMDS181 I2C interface conforms to the two-wire serial interface defined by the I2C Bus Specification, Version 2.1
(January 2000), and supports the fast mode transfer up to 400 kbps.
The device address byte is the first byte received following the START condition from the master device. The 7-
bit device address for TMDS181 decides by the combination of EQ_SEL/A0 and A1. Figure 31 clarifies the
TMDS181 target address.
Figure 31. TMDS181 I2C Device Address Description
A1/A0
7 (MSB)
6
5
4
3
2
1
0 (W/R)
HEX
00
1
0
1
1
1
1
0
0/1
BC/BD
01
1
0
1
1
1
0
1
0/1
BA/BB
10
1
0
1
1
1
0
0
0/1
B8/B9
11
1
0
1
1
0
1
1
0/1
B6/B7
The typical source application of the TMDS181 is as a retimer in a TV connecting the HDMI output connector
and an internal HDMI transmit through flat cables. The register setup can adjust by source side. When TMDS181
is used in a sink side application, it receives data from input connector and transmits to receiver. Local I2C buses
run at 400 kHz supporting fast-mode I2C operation.
The following procedure is used to write to the TMDS181 I2C registers:
1. The master initiates a write operation by generating a start condition (S), followed by the TMDS181 7-bit
address and a zero-value W/R bit to indicate a write cycle.
2. The TMDS181 acknowledges the address cycle.
3. The master presents the sub-address (I2C register within TMDS181) to be written, consisting of one byte of
data, MSB-first.
4. The TMDS181 acknowledges the sub-address cycle.
5. The master presents the first byte of data to be written to the I2C register.
6. The TMDS181 acknowledges the byte transfer.
7. The master may continue presenting additional bytes of data to be written, with each byte transfer completing
with an acknowledge from the TMDS181.
8. The master terminates the write operation by generating a stop condition (P).
The following procedure is used to read the TMDS181 I2C registers.
1. The master initiates a read operation by generating a start condition (S), followed by the TMDS181 7-bit
address and a one-value W/R bit to indicate a read cycle.
2. The TMDS181 acknowledges the address cycle.
3. The TMDS181 transmits the contents of the memory registers MSB-first starting at register 00h.
4. The TMDS181 waits for either an acknowledge (ACK) or a not-acknowledge (NACK) from the master after
each byte transfer; the I2C master acknowledges reception of each data byte transfer.
5. If an ACK is received, the TMDS181 transmits the next byte of data.
6. The master terminates the read operation by generating a stop condition (P).
NOTE
Upon reset, the TMDS181 sub-address is always set to 0x00. When no sub-address is
included in a read operation, the TMDS181 sub-address increments from the previous
acknowledged read or write data byte. If it is required to read from a sub-address that is
different from the TMDS181 internal sub-address, a write operation with only a sub-
address specified is needed before performing the read operation.
32
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com