Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 29 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 25Page - Texas Instruments TMDS181I Datasheet HTML 26Page - Texas Instruments TMDS181I Datasheet HTML 27Page - Texas Instruments TMDS181I Datasheet HTML 28Page - Texas Instruments TMDS181I Datasheet HTML 29Page - Texas Instruments TMDS181I Datasheet HTML 30Page - Texas Instruments TMDS181I Datasheet HTML 31Page - Texas Instruments TMDS181I Datasheet HTML 32Page - Texas Instruments TMDS181I Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
VOD(SS) = 1150mVpp
VOD(PP) = 1400mVpp
1
st bit
2
nd to N bit
PRE_SEL = Z
Vsadj = 7.06<3
PRE_SEL = L
Vsadj = 4.5<3
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
NOTE
De-emphasis is only implement able during retimer mode. In redriver mode this function is
not available.
Figure 29. Output Pre-Emphasis Using Pin Strapping
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com