Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 12 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 8Page - Texas Instruments TMDS181I Datasheet HTML 9Page - Texas Instruments TMDS181I Datasheet HTML 10Page - Texas Instruments TMDS181I Datasheet HTML 11Page - Texas Instruments TMDS181I Datasheet HTML 12Page - Texas Instruments TMDS181I Datasheet HTML 13Page - Texas Instruments TMDS181I Datasheet HTML 14Page - Texas Instruments TMDS181I Datasheet HTML 15Page - Texas Instruments TMDS181I Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
6.10 TMDS Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
REDRIVER MODE
dR
Data rate (redriver mode)
250
3400
Mbps
Propagation delay time (low to
tPLH
250
600
ps
high)
Propagation delay time (high to
tPHL
250
800
ps
low)
Transition time (rise and fall
time); measured at 20% and
TX_TERM_CTL = NC; PRE_SEL = NC;
tT1(1.4b)
80% levels for data lanes.
OE = H; 1.48 Gbps and 2.97 Gbps data
75
ps
TMDS clock meets tT3 for all
lines, 148 MHz and 297 MHz clock
three times.
TX_TERM_CTL = NC; PRE_SEL = NC;
tT3
100
ps
OE = H; 1.48 Gbps, 2.97 Gbps
Default setting for internal intra-pair skew
tSK_INTRA
Intra-pair output skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
40
ps
NC; 1.48 Gbps, 2.97 Gbps; See Figure 8
Default setting for internal inter-pair skew
tSK_INTER
Inter-pair output skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
100
ps
NC; 1.48 Gbps, 2.97 Gbps; See Figure 8
DR = 2.97 Gbps, PRE_SEL = NC,
Total output data jitter
tJITD1(1.4b)
EQ_SEL/A0 = NC ; . See Figure 12 at
0.2
Tbit
HDMI1.4b
TTP3
CLK = 25 MHz, 74.25 MHz, 75 MHz, 150
tJITC1(1.4b)
Total output clock jitter
0.25
Tbit
MHz, 297 MHz
RETIMER MODE
dR
Data rate (retimer mode)
0.25
6
Gbps
Automatic redriver to retimer
Measured with input signal applied = 200
dXVR
0.75
1
1.25
Gbps
crossover (when selected)
mVpp
fCROSSOVER
Crossover frequency hysteresis
250
MHz
PLLBW
Data retimer PLL bandwidth
Default loop bandwidth setting
0.4
1
MHz
Input clock frequency detection
tACQ
180
µs
and retimer acquisition time
IJT1
Input clock jitter tolerance
Tested when data rate >1.0Gbps
0.3
Tbit
TX_TERM_CTL = L; PRE_SEL = NC; 6
tT1(2.0)
45
ps
Gbps data lines,
Transition time (rise and fall
TX_TERM_CTL = NC; PRE_SEL = NC;
time); measured at 20% and
tT1 (1.4b)
1.48 Gbps and 2.97 Gbps data lines, 148
75
ps
80% levels for data lanes.
MHz and 297 MHz clock
TMDS clock meets tT3 for all
TX_TERM_CTL = NC; PRE_SEL = NC;
three times.
tT3
1.48 Gbps, 2.97 Gbps, 6 Gbps data lines,
100
ps
148 MHz, 297 MHz clock
tDCD
OUT_CLK ± duty cycle
40%
50%
60%
Default setting for internal inter-pair skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
tSK_INTER
Inter-pair output skew
NC; 1.48 Gbps, 2.97 Gbps, 6 Gbps data
0.2
Tch
lines, 148 MHz, 297 MHz clock; See
Figure 8
Default setting for internal intra-pair skew
adjust, TX_TERM_CTL = NC; PRE_SEL =
tSK_INTRA
Intra-pair output skew
NC; 1.48 Gbps, 2.97 Gbps, 6 Gbps data
0.15
Tbit
lines, 148 MHz, 297 MHz clock; See
Figure 8
CLK = 25 MHz, 74.25 MHz, 75 MHz, 150
tJITC1(1.4b)
Total output clock jitter
0.25
Tbit
MHz, 297 MHz
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com