Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 41 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 37Page - Texas Instruments TMDS181I Datasheet HTML 38Page - Texas Instruments TMDS181I Datasheet HTML 39Page - Texas Instruments TMDS181I Datasheet HTML 40Page - Texas Instruments TMDS181I Datasheet HTML 41Page - Texas Instruments TMDS181I Datasheet HTML 42Page - Texas Instruments TMDS181I Datasheet HTML 43Page - Texas Instruments TMDS181I Datasheet HTML 44Page - Texas Instruments TMDS181I Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
Typical Applications (continued)
conventions, it is necessary to confirm that the link between the source and the TMDS181 are correctly mapped.
A swap function is provide for the input pins in case signaling is reversed between source and device. The
control pin values in Table 9 are based upon driving pins with a microcontroller; otherwise, the shown
pullup/pulldown configuration meet device levels. Table 9 provides information on expected values in order to
perform properly.
Table 9. Design Parameters
DESIGN PARAMETER
VALUE
VCC
3.3 V
VDD
1.2 V
Main link input voltage
VID = 75 mVpp to 1.2 Vpp
Control pin max voltage for low
65 k
Ω resistor connected to GND
Control pin voltage range mid
Not connected
Control pin min voltage for high
65 k
Ω resistor connected to Vcc
VSADJ resistor
7.06 k
Ω 1%
9.2.1.2 Detailed Design Procedure
The TMDS181 is a signal conditioning device that provides several forms of signal conditioning to support
compliance for HDMI or DVI at a source connector. These forms of signal conditioning are accomplished using
receive equalization, retiming, and output driver configure ability. The transmitter drives 2 to 3 inches of board
trace and connector when compliance is required at the connector.
To design in the TMDS181 for a source side application, the designer must understand the following.
•
Determine the loss profile between the GPU/chipset and the HDMI/DVI connector.
•
Based upon this loss profile and signal swing, determine the optimal location for the TMDS181 in order to
pass source electrical compliance, usually within 2 to 3 inches of the connector.
•
Use the typical application Figure 32 for information on control pin resistors.
•
The TMDS181 has a receiver adaptive equalizer, but can also be configured using EQ_SEL control pin.
•
Set the VOD, pre-emphasis and termination levels appropriately to support compliance by using the
appropriate VSADJ resistor value and setting PRE_SEL and TX_TERM_CTL control pins.
•
The thermal pad must be connected to ground.
•
See schematics in Figure 32 on recommended decoupling capacitors from VCC pins to ground.
9.2.1.3 Application Curves
Figure 33. Input Eye After 3M Cable at 5.94Gbps
Figure 34. Output Eye from TMDS181 after 3M Input Cable
at 5.94Gbps
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com