Electronic Components Datasheet Search
  English  ▼

X  

TMDS181I Datasheet(PDF) 49 Page - Texas Instruments

Part # TMDS181I
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 45Page - Texas Instruments TMDS181I Datasheet HTML 46Page - Texas Instruments TMDS181I Datasheet HTML 47Page - Texas Instruments TMDS181I Datasheet HTML 48Page - Texas Instruments TMDS181I Datasheet HTML 49Page - Texas Instruments TMDS181I Datasheet HTML 50Page - Texas Instruments TMDS181I Datasheet HTML 51Page - Texas Instruments TMDS181I Datasheet HTML 52Page - Texas Instruments TMDS181I Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
1
VCC
VCC
2k3
2k3
VCC
VCC
2k3
2k3
GND
Place VCC and VDD decoupling
caps as close to VCC and VDD
pins as possible
Match High Speed traces
length as close as possible to
minimize Skew
Match High Speed traces
length as close as possible to
minimize Skew
HPD_SRC
HPD_SNK
IN_D2p/n
IN_D1p/n
IN_D0p/n
OUT_D2p/n
I2C_EN/PIN
OUT_D1p/n
SDA_SRC
SDA_CTL
SCL_SRC
SCL_CTL
VSADJ
65k3
65k3
VCC
GND
IN_CLKp/n
5V
5V
2k3
2k3
SDA_SNK
SCL_SNK
GND
VCC
65k3
65k3
A1
OUT_D0p/n
OUT_CLKp/n
SWAP/POL
VCC
GND
GND
VCC
65k3
65k3
TX_TERM_CTL
ARC_OUT
SPDIF_IN
GND
553
1µF
GND
GND
1µF
65k3
65k3
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
11.2 Layout Example
A.
If ARC is not used, tie a 500 k
Ω resistor to GND at the SPDIF_IN pin.
B.
The 55
Ω resistor to GND on the ARC_OUT pin is implementation specific and may not be needed if it is already
implemented elsewhere.
Figure 39. Layout Example – Source Side
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com