Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 24Page - Microchip Technology MCP19116 Datasheet HTML 25Page - Microchip Technology MCP19116 Datasheet HTML 26Page - Microchip Technology MCP19116 Datasheet HTML 27Page - Microchip Technology MCP19116 Datasheet HTML 28Page - Microchip Technology MCP19116 Datasheet HTML 29Page - Microchip Technology MCP19116 Datasheet HTML 30Page - Microchip Technology MCP19116 Datasheet HTML 31Page - Microchip Technology MCP19116 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 246 page
background image
MCP19116/7
DS20005479B-page 28
 2015-2016 Microchip Technology Inc.
Dead-Time Adjustment
Resolution
DTRES
—4
—
bits
Dead-Time Adjustable
Range
DTRANGE
16
—
256
ns
Dead-Time Step Size
DTSTEP
—
16
—
ns
Linear Steps
Dead-Time Tolerance
DTTOL
—±8
—
ns
Oscillator/PWM
Internal Oscillator
Frequency
FOSC
7.60
8.00
8.40
MHz
Switching Frequency
FSW
—FOSC/N
—
MHz
Switching Frequency
Range Select
N
4
—
255
—
FMAX =2 MHz
A/D Converter (ADC) Characteristics
Resolution
NR
—
—
10
bits
Integral Error
EIL
——
±1
LSb
VREF_ADC =AVDD
VREF_ADC =VDD
Differential Error
EDL
——
±1
LSb
No missing code in 10 bits
VREF_ADC =AVDD
VREF_ADC =VDD
(Note 5)
Offset Error
EOFF
—+3.0
+7
LSb
VREF_ADC =AVDD
VREF_ADC =VDD
Gain Error
EGN
—±2
±6
LSb
VREF_ADC =AVDD
VREF_ADC =VDD
Selectable ADC
Reference Voltage
VREF_ADC
—AVDD
—V
AVDD = 4V
ADCON1<VCFG=0>
VDD
—V
VDD = 5V
ADCON1<VCFG=0>
Full-Scale Range
FSRA/D
GND
—
AVDD
VAVDD selected as ADC
Reference
GND
—
VDD
VVDD selected as ADC
Reference
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW =150 kHz, TA =+25°C. Boldface specifications
apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Refer to Section 16.0, Power-Down Mode (Sleep).
2:
VDD is the voltage present at the VDD pin.
3:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4:
Ensured by design, not production tested.
5:
These parameters are characterized, but not production tested.
6:
The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com