Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 26Page - Microchip Technology MCP19116 Datasheet HTML 27Page - Microchip Technology MCP19116 Datasheet HTML 28Page - Microchip Technology MCP19116 Datasheet HTML 29Page - Microchip Technology MCP19116 Datasheet HTML 30Page - Microchip Technology MCP19116 Datasheet HTML 31Page - Microchip Technology MCP19116 Datasheet HTML 32Page - Microchip Technology MCP19116 Datasheet HTML 33Page - Microchip Technology MCP19116 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 246 page
background image
MCP19116/7
DS20005479B-page 30
 2015-2016 Microchip Technology Inc.
4.3
Thermal Specifications
Parameters
Sym.
Min.
Typ.
Max.
Units
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 24L-QFN 4x4
JA
—42—
°C/W
Thermal Resistance, 28L-QFN 5x5
JA
—
35.3
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com