Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 10Page - Microchip Technology MCP19116 Datasheet HTML 11Page - Microchip Technology MCP19116 Datasheet HTML 12Page - Microchip Technology MCP19116 Datasheet HTML 13Page - Microchip Technology MCP19116 Datasheet HTML 14Page - Microchip Technology MCP19116 Datasheet HTML 15Page - Microchip Technology MCP19116 Datasheet HTML 16Page - Microchip Technology MCP19116 Datasheet HTML 17Page - Microchip Technology MCP19116 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 246 page
background image
MCP19116/7
DS20005479B-page 14
 2015-2016 Microchip Technology Inc.
GPB4/AN5/ICSPDAT
(MCP19117 Only)
GPB4
TTL
CMOS General purpose I/O
AN5
AN
—
A/D Channel 5 input
ICSPDAT
ST
CMOS Primary Serial Programming Data I/O
GPB5/AN6/ICSPCLK
(MCP19117 Only)
GPB5
TTL
CMOS General purpose I/O
AN6
AN
—
A/D Channel 6 input
ISCPCLK
ST
—
Primary Serial Programming Clock
GPB6/AN7/TX/CK
(MCP19117 Only)
GPB6
TTL
CMOS General purpose I/O
AN7
AN
—
A/D Channel 7 input
TX
—
CMOS USART asynchronous serial transmit
CK
ST
CMOS USART synchronous serial clock
GPB7/CCD/RX/DT
(MCP19117 Only)
GPB7
TTL
CMOS General purpose I/O
CCD
ST
CMOS CCD2 Single Compare output.
RX
ST
—
USART asynchronous serial receive
DT
ST
CMOS USART synchronous serial data
VIN
VIN
—
—
Device input supply voltage
VDD
VDD
—
—
Internal +5V LDO output pin
VDR
VDR
—
—
Gate drive supply voltage
AGND
AGND
—
—
Small signal quiet ground
PGND
PGND
—
—
Large signal power ground
PDRV
PDRV
—
—
Primary low-side MOSFET gate drive
SDRV
SDRV
—
—
Secondary low-side MOSFET gate drive
IP
IP
—
—
Primary input current sense
ISN
ISN
—
—
Secondary-current sense-amplifier negative input
ISP
ISP
—
—
Secondary-current sense-amplifier positive input
VS
VS
—
—
Sense voltage compared to overvoltage DAC
IFB
IFB
—
—
Error amplifier feedback input
ICOMP
ICOMP
—
—
Error amplifier output
DESATP/ISOUT
DESATP/ISOUT
——
DESATP: DESAT detect comparator positive input
ISOUT: Secondary-current sense-amplifier output
DESATN
DESATN
——
DESATN: DESAT detect comparator negative
input
TABLE 2-1:
MCP19116/7 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I2C = Schmitt Trigger input with I2C
Note 1:
The Analog/Digital Debug Output is selected through the control of the ABECON register.
2:
Selected when functioning as master or slave by proper configuration of the MSC<1:0> bits in the MODECON register.
3:
VREF2 output selected when configured as master by proper configuration of the MSC<1:0> bits in the MODECON
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com