Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 68 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 68 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 64Page - Microchip Technology MCP19116 Datasheet HTML 65Page - Microchip Technology MCP19116 Datasheet HTML 66Page - Microchip Technology MCP19116 Datasheet HTML 67Page - Microchip Technology MCP19116 Datasheet HTML 68Page - Microchip Technology MCP19116 Datasheet HTML 69Page - Microchip Technology MCP19116 Datasheet HTML 70Page - Microchip Technology MCP19116 Datasheet HTML 71Page - Microchip Technology MCP19116 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 246 page
background image
MCP19116/7
DS20005479B-page 68
 2015-2016 Microchip Technology Inc.
9.12
Calibration Word 12
The ADCCAL<13:0> bits at memory location 208Bh
contain the calibration bits for the A/D Converter.
Calibration Word 12 (ADCCAL<13:0>) contains the
factory measurement of the full-scale ADC Reference.
The value represents the number of A/D converter
counts per volt. ADCC<4:0> bits represent the fraction
of an A/D converter count, which can provide additional
precision when oversampling the ADC for enhanced
resolution. This calibration word can be used to
calibrate signals read by the Analog-to-Digital
Converter.
REGISTER 9-12:
CALWD12: CALIBRATION WORD 12 REGISTER
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
ADCC13
ADCC12
ADCC11
ADCC10
ADCC9
ADCC8
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
ADCC7
ADCC6
ADCC5
ADCC4
ADCC3
ADCC2
ADCC1
ADCC0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-5
ADCC<13:5>: Whole number of A/D converter count
111111111 = 511
•
•
•
000000000 = 0
bit 4-0
ADCC<4:0>: Fraction number of A/D converter count
11111 = 0.96875
•
•
•
00001 = 0.03125
00000 = 0.00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com