Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 53Page - Microchip Technology MCP19116 Datasheet HTML 54Page - Microchip Technology MCP19116 Datasheet HTML 55Page - Microchip Technology MCP19116 Datasheet HTML 56Page - Microchip Technology MCP19116 Datasheet HTML 57Page - Microchip Technology MCP19116 Datasheet HTML 58Page - Microchip Technology MCP19116 Datasheet HTML 59Page - Microchip Technology MCP19116 Datasheet HTML 60Page - Microchip Technology MCP19116 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 246 page
background image
 2015-2016 Microchip Technology Inc.
DS20005479B-page 57
MCP19116/7
8.0
SYSTEM BENCH TESTING
To allow for easier system design and bench testing,
the MCP19116/7 devices feature a multiplexer used to
output various internal analog signals. These signals
can be measured on the GPA0 pin through a unity gain
buffer. The configuration control of the GPA0 pin is
found in the ABECON register (Register 6-14).
Control of the signals present at the output of the unity
gain analog buffer is found in the ADCON0 register
(Register 8-1).
.
REGISTER 8-1:
ADCON0: ANALOG-TO-DIGITAL CONTROL REGISTER
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
CHS4
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented: Read as ‘0’
bit 6-2
CHS<4:0>: Analog Channel Select bits
00000 = VIN/n analog voltage measurement (VIN/15.5328)
00001 = VREF + VZC (DAC reference voltage + VZC pedestal setting current regulation level)
00010 = OV_REF (reference for overvoltage comparator)
00011 = VBGR (band gap reference)
00100 = VS (voltage proportional to VOUT)
00101 = EA_SC (error amplifier after slope compensation output)
00110 = A2 (secondary current sense amplifier output at RFB_INT connection)
00111 = Pedestal (Pedestal Voltage)
01000 = Reserved
01001 = Reserved
01010 = IP_ADJ (IP after Pedestal and Offset Adjust (at PWM Comparator))
01011 = IP_OFF_REF (IP Offset Reference)
01100 = VDR/n (VDR/n analog driver voltage measurement = 0.229V/V * VDR)
01101 = TEMP_SNS (analog voltage representing internal temperature)
01110 = DLL_VCON (Delay Locked Loop Voltage Reference - control voltage for dead time)
01111 = SLPCMP_REF (slope compensation reference)
10000 = Unimplemented
10001 = Unimplemented
10010 = Unimplemented
10011 = Unimplemented
10100 = Unimplemented
10101 = Unimplemented
10110 = Unimplemented
10111 = Unimplemented
11000 = GPA0/AN0
11001 = GPA1/AN1
11010 = GPA2/AN2
11011 = GPA3/AN3
11100 = GPB1/AN4
11101 = GPB4/AN5 (MCP19117 only)
11110 = GPB5/AN6 (MCP19117 only)
11111 = GPB6/AN7 (MCP19117 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com