Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 66Page - Microchip Technology MCP19116 Datasheet HTML 67Page - Microchip Technology MCP19116 Datasheet HTML 68Page - Microchip Technology MCP19116 Datasheet HTML 69Page - Microchip Technology MCP19116 Datasheet HTML 70Page - Microchip Technology MCP19116 Datasheet HTML 71Page - Microchip Technology MCP19116 Datasheet HTML 72Page - Microchip Technology MCP19116 Datasheet HTML 73Page - Microchip Technology MCP19116 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 246 page
background image
MCP19116/7
DS20005479B-page 70
 2015-2016 Microchip Technology Inc.
If 9-bit transmission is desired, set the TX9 control bit.
A set ninth data bit will indicate that the eight Least
Significant data bits are an address when the receiver
is set for address detection.
While TXIF indicates the status of the transmit buffer
register, the TRMT (TXSTA<1>) bit indicates the sta-
tus of the transmit operation. The TRMT bit is cleared
automatically upon a byte transfer from TXREG to the
Shift register, and is set at the end of a stop bit. A ‘1’
value in the TRMT bit signifies that the transmit state
machine is idle. The TRMT bit is read-only and is valid
for both Asynchronous and Synchronous transmis-
sions. No interrupt is associated with the TRMT bit.
When setting up an Asynchronous Transmission,
follow these steps:
1.
Initialize the SPBRG register for the appropriate
baud rate. If a high-speed baud rate is desired,
set bit BRGH.
2.
Enable the asynchronous serial port by clearing
bit SYNC and setting bit SPEN.
3.
If interrupts are desired, then set enable bit
TXIE.
4.
If 9-bit transmission is desired, then set transmit
bit TX9.
5.
Enable the transmission by setting bit TXEN,
which will also set bit TXIF.
6.
If 9-bit transmission is selected, the ninth bit
should be loaded in bit TX9D.
7.
Load data to the TXREG register (starts
transmission).
8.
If using interrupts, set GIE (INTCON<7>) and
PEIE (INTCON<6>) bits.
FIGURE 10-1:
USART TRANSMIT BLOCK DIAGRAM
FIGURE 10-2:
ASYNCHRONOUS MASTER TRANSMISSION
TXIF
TXIE
Interrupt
TXEN
Baud Rate CLK
SPBRG
Baud Rate Generator
TX9D
MSb
LSb
Data Bus
TXREG register
TSR register
(8)
0
TX9
TRMT
SPEN
GPB6/TX/CK pin
Pin Buffer
and Control
8
2 2 2
Write to TXREG
Write
Word 1
BRG output
(shift clock)
Start Bit
Bit 0
Bit 1
Bit 7/8
Stop Bit
WORD 1
TXIF bit
(Transmit buffer
reg. empty flag)
TX (pin)
WORD 1
Transmit Shift Reg
TRMT bit
(Transmit shift
reg. empty flag)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com