Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 48Page - Microchip Technology MCP19116 Datasheet HTML 49Page - Microchip Technology MCP19116 Datasheet HTML 50Page - Microchip Technology MCP19116 Datasheet HTML 51Page - Microchip Technology MCP19116 Datasheet HTML 52Page - Microchip Technology MCP19116 Datasheet HTML 53Page - Microchip Technology MCP19116 Datasheet HTML 54Page - Microchip Technology MCP19116 Datasheet HTML 55Page - Microchip Technology MCP19116 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 246 page
background image
MCP19116/7
DS20005479B-page 52
 2015-2016 Microchip Technology Inc.
6.12
Mode and RFB MUX Control
The MODECON register controls the Master/Slave
configuration and the internal resistor feedback MUX
for the current sense amplifier while in quasi-resonant
mode.
In Master mode, it allows the VREF2 signal of the
Master MCP19116/7 device to be buffered and
connected to a GPIO pin. This output signal can be
connected to a Slave PWM driver (MCP1631) at the
VREF input to regulate current via the Slave PWM
Controller. In Master mode, the CLKOUT sync signal
is routed to GPA1. In Semi-Master Mode, users have
the option to implement VREF2 and CLKOUT
independently. In Stand-Alone mode, the VREF2 unity
gain buffer and CLKOUT signals are not connected to
GPIO Pins.
The RFB MUX selects the output of A2 current sense
amplifier to be connected to the internal 5 k
 feedback
resistor or to the ISOUT pin.
REGISTER 6-15:
MODECON: MASTER/SLAVE AND RFB MUX CONTROL REGISTER
R/W-0
R/W-0
R/W-0
U-0
R/W-0
U-0
U-0
U-0
MSC1
MSC0
RFB
—MSC2
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
MSC<1:0>: Master/Slave Configuration bits
00 = Device set as stand-alone unit (VREF2 disabled, Switching frequency internally generated)
01 = Device set as MASTER (VREF2 to GPB1, CLKOUT sync to GPA1)
10 = Device set as SLAVE MODE (CLKIN switching frequency sync signal to GPA1)
11 = Device set to SEMI-MASTER MODE
bit 5
RFB: Current Sense Amplifier (A2) Output Resistor Feedback MUX Configuration bit
0 = RFB_INT 5 k
1 = ISOUT
bit 4
Unimplemented: Read as ‘0’
bit 3
MSC<2>: Semi-Master mode options
0 = GPB1 is VREF2 Output, GPA1 is general purpose I/O
1 = GPB1 is general purpose output, GPA1 is CLKOUT
bit 2-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com