Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 37Page - Microchip Technology MCP19116 Datasheet HTML 38Page - Microchip Technology MCP19116 Datasheet HTML 39Page - Microchip Technology MCP19116 Datasheet HTML 40Page - Microchip Technology MCP19116 Datasheet HTML 41Page - Microchip Technology MCP19116 Datasheet HTML 42Page - Microchip Technology MCP19116 Datasheet HTML 43Page - Microchip Technology MCP19116 Datasheet HTML 44Page - Microchip Technology MCP19116 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 246 page
background image
 2015-2016 Microchip Technology Inc.
DS20005479B-page 41
MCP19116/7
6.2
Output Overvoltage Protection
The MCP19116/7 devices feature output overvoltage
protection. This feature also utilizes a comparator
module similar to the standard PIC comparator module.
This is used to prevent the power system from being
damaged when the load is disconnected. The
OVREFCON register contains the digital value that
sets the analog DAC voltage at the inverting input of the
comparator. By comparing the divided down power
train output voltage connected to the non-inverting
input (VS) of the comparator with the OVREF reference
voltage, the user can determine when an overvoltage
event has occurred and can automatically take action.
The OVCON register contains the interrupt flag polarity
and OV enable bits along with the Output Status bit just
as VINCON does for the input voltage UVLO and
OVLO. When <OVEN> bit in the OVCON register is set
and an overvoltage occurs, the control logic
automatically sets the secondary gate drive output
(SDRV) high and the primary gate drive output (PDRV)
low.
Note:
The OVIF Interrupt Flag bit is set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit or
the Global Enable bit (GIE) in the INTCON
register.
REGISTER 6-4:
OVCON: OUTPUT OVERVOLTAGE COMPARATOR CONTROL REGISTER
U-0
U-0
U-0
U-0
R/W-0
R-0
R/W-0
R/W-0
—
—
—
—
OVEN
OVOUT
OVINTP
OVINTN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3
OVEN: OV Comparator Output Enable bit
1 = OV Comparator output is enabled
0 = OV Comparator output is not enabled
bit 2
OVOUT: Output Overvoltage Status Output bit
1 = Output Overvoltage has occurred
0 = No Output Overvoltage has occurred
bit 1
OVINTP: OV Comparator Interrupt on Positive Going Edge Enable bit
1 = The OVIF interrupt flag will be set upon a positive going edge of the OV
0 = No OVIF interrupt flag will be set upon a positive going edge of the OV
bit 0
OVINTN: OV Comparator Interrupt on Negative Going Edge Enable bit
1 = The OVIF interrupt flag will be set upon a negative going edge of the OV
0 = No OVIF interrupt flag will be set upon a negative going edge of the OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com