Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 56Page - Microchip Technology MCP19116 Datasheet HTML 57Page - Microchip Technology MCP19116 Datasheet HTML 58Page - Microchip Technology MCP19116 Datasheet HTML 59Page - Microchip Technology MCP19116 Datasheet HTML 60Page - Microchip Technology MCP19116 Datasheet HTML 61Page - Microchip Technology MCP19116 Datasheet HTML 62Page - Microchip Technology MCP19116 Datasheet HTML 63Page - Microchip Technology MCP19116 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 246 page
background image
MCP19116/7
DS20005479B-page 60
 2015-2016 Microchip Technology Inc.
9.2
Calibration Word 2
Calibration Word 2 is at memory location 2081h. It
contains the calibration bits for the desaturation
comparator current measurement input offset voltage.
Firmware must read these values and write them into
the DSTCAL register to implement the factory offset
calibration. The factory offset calibration will minimize
offset voltage. The desaturation comparator is one of
the few examples where the user may want to
implement their own offset voltage values. Writing
user-defined values to the DSTCAL register provides
this flexibility. Firmware must read these values and
copy into the DSTCAL Special Function Register
located in Bank 3 at 196h.
This register also contains the trim bits needed to trim
the internal 5 k
 feedback resistor to within 2% using
the <RFBT5:0> bits. Firmware must read these values
and copy them into the RFBTCAL Special Function
Register located in Bank 3 at 197h.
REGISTER 9-2:
CALWD2: CALIBRATION WORD 2 REGISTER
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
DST4
DST3
DST2
DST1
DST0
bit 13
bit 8
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
RFBT5
RFBT4
RFBT3
RFBT2
RFBT1
RFBT0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unused bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13
Unimplemented: Read as ‘0’
bit 12-8
DST<4:0>: Desaturation Comparator Current Measure Offset calibration bits
11111 = Maximum negative offset calibration (-30 mV)
•
•
•
10000 = Mid scale (0 mV)
00000 = Mid scale (0 mV)
•
•
•
01111 = Maximum positive offset calibration (+30 mV)
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
RFBT<5:0>: Internal Feedback Resistor Trim bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com