Electronic Components Datasheet Search
  English  ▼

X  

MCP19116 Datasheet(PDF) 101 Page - Microchip Technology

Part # MCP19116
Description  Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19116 Datasheet(HTML) 101 Page - Microchip Technology

Back Button MCP19116 Datasheet HTML 97Page - Microchip Technology MCP19116 Datasheet HTML 98Page - Microchip Technology MCP19116 Datasheet HTML 99Page - Microchip Technology MCP19116 Datasheet HTML 100Page - Microchip Technology MCP19116 Datasheet HTML 101Page - Microchip Technology MCP19116 Datasheet HTML 102Page - Microchip Technology MCP19116 Datasheet HTML 103Page - Microchip Technology MCP19116 Datasheet HTML 104Page - Microchip Technology MCP19116 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 246 page
background image
 2015-2016 Microchip Technology Inc.
DS20005479B-page 101
MCP19116/7
FIGURE 14-5:
TIME-OUT SEQUENCE ON POWER-UP (DELAYED MCLR): CASE 2
FIGURE 14-6:
TIME-OUT SEQUENCE ON POWER-UP (MCLR WITH VDD)
14.7
Determining the Cause of a Reset
Upon any Reset, multiple bits in the STATUS and
PCON register are updated to indicate the cause of the
Reset.
Tables 14-3
and 14-4
show
the
Reset
conditions of these registers.
VDD
MCLR
Internal POR
PWRT Time-Out
OST Time-Out
Internal Reset
TPWRT
TIOSCST
VDD
MCLR
Internal POR
PWRT Time-Out
OST Time-Out
Internal Reset
TPWRT
TIOSCST
TABLE 14-3:
RESET STATUS BITS AND
THEIR SIGNIFICANCE
POR BOR TO PD
Condition
0x
1
1
Power-on Reset
u0
1
1
Brown-out Reset
uu
0
u
WDT Reset
uu
0
0
WDT Wake-Up from Sleep
uu
1
0
Interrupt Wake-Up from
Sleep
uu
u
u
MCLR Reset during normal
operation
uu
1
0
MCLR Reset during Sleep
0u
0
x
Not allowed. TO is set on
POR.
0u
x
0
Not allowed. PD is set on
POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com