Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 224Page - National Semiconductor (TI) PC87591L Datasheet HTML 225Page - National Semiconductor (TI) PC87591L Datasheet HTML 226Page - National Semiconductor (TI) PC87591L Datasheet HTML 227Page - National Semiconductor (TI) PC87591L Datasheet HTML 228Page - National Semiconductor (TI) PC87591L Datasheet HTML 229Page - National Semiconductor (TI) PC87591L Datasheet HTML 230Page - National Semiconductor (TI) PC87591L Datasheet HTML 231Page - National Semiconductor (TI) PC87591L Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
228
Revision 1.07
JTAG-Initiated Accesses
JTAG-initiated accesses for both read and write is restricted based on the value held in the Flash Contents Protect field of
the protection word.
When any bit in the Flash Contents Protect field is 0, no reads or writes are allowed. In OBD or DEV environment, the device
remains reset until a special erase is performed. The only operation allowed in this case is a special erase of the flash con-
tents.
When all bits in the Flash Contents Protect field are 1, all flash operations are allowed. The entire flash may be read, and
except for the Factory Parameters page Of the Information Block, the entire flash may be erased and programed.
Parallel Flash Interface-Initiated Accesses
Parallel Flash interface-initiated accesses are subject to the same protection scheme as JTAG-initiated accesses. When
any bit in the Flash Contents Protect field is 0, only special erase operations are allowed and all other flash access opera-
tions are ignored.
See also Section 4.16.5 on page 226.
4.16.7 Flash Interface Registers
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
Information Block Access Index Register (IBAI)
This register defines the address bits 7-0 for read or write transaction to the Information Block.
Location: 00 F88016
Type: R/W
Table 34. Flash Interface Register Map
Mnemonic
Register Name
Type
IBAI
Information Block Access Index
R/W
IBD
Information Block Data
R/W
FCWP0
Flash Core Write Protect
R/W
FLCR
Flash Memory Control
R/W
FLSR
Flash Memory Status
R/W1C
FLPSLR
Flash Memory Pre-Scaler
R/W
FLSTART
Flash Memory Start Time
R/W
FLTRAN
Flash Memory Transition Time
R/W
FLPROG
Flash Memory Program Time
R/W
FLPERASE
Flash Memory Page Erase Time
R/W
FLSERASE
Flash Memory Section Erase Time
R/W
FLEND
Flash Memory End Time
R/W
FLSEND
Flash Memory Section Erase End Time
R/W
FLRCV
Flash Memory Recovery Time
R/W
Bit
15
14
13
12
11
10
9876543210
Name
Reserved
Indirect Memory Address 7-0
Bit
Description
7-0
Index Address 7-0. The address is of a byte address in the flash Information Block. Access to words is allowed
only to word-aligned addresses.
15-8
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com