Electronic Components Datasheet Search
  English  ▼

X  

PC87591L Datasheet(PDF) 350 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 350 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 346Page - National Semiconductor (TI) PC87591L Datasheet HTML 347Page - National Semiconductor (TI) PC87591L Datasheet HTML 348Page - National Semiconductor (TI) PC87591L Datasheet HTML 349Page - National Semiconductor (TI) PC87591L Datasheet HTML 350Page - National Semiconductor (TI) PC87591L Datasheet HTML 351Page - National Semiconductor (TI) PC87591L Datasheet HTML 352Page - National Semiconductor (TI) PC87591L Datasheet HTML 353Page - National Semiconductor (TI) PC87591L Datasheet HTML 354Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
350
Revision 1.07
Memory Range Programing
LPC memory transactions and/or LPC-FWH transactions can be forwarded to the PC87591x shared memory. The Shared
Memory Configuration register defines the transaction type and address range to which the PC87591x responds. The SHBM
strap inputs affect the default settings of the Shared Memory Configuration register to enable boot process from shared
memories. Two memory areas may be individually enabled: a user-defined zone and BIOS memory (either BIOS-LPC
and/or BIOS-FWH spaces).
To enable BIOS support, set the SHBM strap inputs to select any of the BIOS modes (see Section 2.3 on page 53 for de-
tails). The PC87591x responds to LPC memory read and write transactions to/from the BIOS address spaces, shown in
Table 60, as long as BIOS LPC Enable (bit 0) of the Shared Memory Configuration register is set.
Table 60. BIOS-LPC Memory Space Definition
The PC87591x responds to LPC-FWH read and write transactions to/from the high memory address range (’386’ mode
BIOS range), shown in Table 60, as long as BIOS FWH Enable (bit 3) of the Shared Memory Configuration register is set.
Table 61. BIOS-FWH Memory Space Definition
On host domain hardware reset in BIOS mode, the BIOS LPC Enable bit is set and the BIOS FWH Enable bit is set. The
PC87591x automatically detects the type of host boot protocol in use, via the first completed BIOS read operation after host
domain hardware reset. If the first read is an LPC memory read, the BIOS FWH Enable bit is cleared. If the first read is an
LPC-FWH read, the BIOS LPC Enable bit is cleared. Any other LPC or LPC-FWH transactions are ignored. The bits are
cleared only by the first read operation, allowing software to enable responding to these address ranges by setting the bit.
Figure 112 illustrates this behavior.
Figure 112. BIOS Mapping Enable Scheme
The user-defined shared memory enables sharing the memory without using it as a shared BIOS memory. The memory base
address in the host address space and the size of the shared memory are defined in the Shared Memory Base and Shared
Memory Size registers. Address bits above the block size are ignored and are internally replaced with 1s for the purpose of
address translation (e.g., for a 2 Mbyte block size, A21 through A31 are replaced with 1s).
Memory Address Range
Description
000E 000016 - 000E FFFF16
Extended BIOS range (Legacy); only when Extended
BIOS Enable bit in Shared Memory Range Configuration
register is set.
000F 000016 - 000F FFFF16
BIOS Range (Legacy)
FFE0 000016 - FFFF FFFF16
386 mode BIOS range; this is the upper 2 Mbytes of the
memory space.
Memory Address Range
Description
FFE0 000016 - FFFF FFFF16
386 mode BIOS range; this is the upper 2 Mbytes of the
memory space. The PC87591x uses the first 21 address
lines and ID field to identify FWH access to the shared
memory.
Note: Only hardware-controlled transitions are shown;
other transitions are possible via software writes to the bits.
BIOS FWH Enable = 1
BIOS LPC Enable = 1
BIOS FWH Enable = 1
BIOS LPC Enable = 0
BIOS FWH Enable = 0
BIOS LPC Enable = 1
BIOS FWH Enable = 0
BIOS LPC Enable = 0
First LPC FWH Read
Host Domain
[SHBM = 0] Shared Disable BIOS
[SHBM
= 1] Enable
BIOS
First LPC Memory Read
Hardware Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com