Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 45Page - Dialog Semiconductor DA7219 Datasheet HTML 46Page - Dialog Semiconductor DA7219 Datasheet HTML 47Page - Dialog Semiconductor DA7219 Datasheet HTML 48Page - Dialog Semiconductor DA7219 Datasheet HTML 49Page - Dialog Semiconductor DA7219 Datasheet HTML 50Page - Dialog Semiconductor DA7219 Datasheet HTML 51Page - Dialog Semiconductor DA7219 Datasheet HTML 52Page - Dialog Semiconductor DA7219 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
49 of 123
© 2015 Dialog Semiconductor
9.6
Clocking
The internal system clock (SYSCLK) from which all other clocks are derived is always at one of two
possible frequencies:
● 12.288 MHz for SR from the 48 kHz family (8, 12, 16, 24, 32, 48, 96 kHz)
● 11.2896 MHz for SR from the 44.1 kHz family (11.025, 22.05, 44.1, 88.2 kHz).
The DA7219 can run with or without an applied MCLK. If no MCLK is applied, the internal reference
oscillator will clock the device. However when using the DAI an MCLK must be provided and
correctly configured.
The DA7219 contains a phase-locked loop (PLL), which supports a range of clocking modes and
input clock (MCLK) frequencies.
9.6.1
MCLK input
MCLK is the master clock input which must be in the range of 2 to 54 MHz.
MCLK can be applied as a full-amplitude square wave, or as a low-amplitude sine wave if the MCLK
squarer circuit has been enabled. The clock squarer circuit is enabled by writing pll_mclk_sqr_en = 1.
This clock squarer allows a sine wave or other low amplitude clock (down to 300 mVpp) to be applied
to the chip. The MCLK input is AC coupled on chip when using the clock squarer mode.
9.6.1.1
MCLK detection
A clock detection circuit will set bit [0] of pll_srm_status = 1 whenever the applied MCLK frequency is
above the minimum detection frequency of approximately 1 MHz. Whenever this bit is high, the
MCLK signal is selected as the clock input to the PLL.
9.6.2
Audio reference oscillator
For best audio performance, a system clock within the specified range is required. The DA7219
codec has an internal reference oscillator that provides the system clock when there is no valid
MCLK signal.
The reference oscillator is automatically enabled whenever the codec is in ACTIVE mode and the
MCLK frequency is below the minimum frequency of 1 MHz. When the codec enters STANDBY
mode, the oscillator is automatically disabled to save power.
9.6.3
PLL bypass mode
If an MCLK signal at 11.2896/12.288 MHz or 22.5792/24.576 MHz or 45.1584/49.152 MHz is
available, the PLL is not required and should be disabled to save power. PLL bypass mode is
activated by setting pll_mode = 00.
In this mode the PLL is bypassed and an audio frequency clock is applied to the MCLK pin of the
codec. The required clock frequency depends on the sample rate at which the audio DACs and
ADCs are operating. These clock frequencies are summarized in Table 37 for the range of DAC and
ADC sample rates that can be configured using the SR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com