Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 32Page - Dialog Semiconductor DA7219 Datasheet HTML 33Page - Dialog Semiconductor DA7219 Datasheet HTML 34Page - Dialog Semiconductor DA7219 Datasheet HTML 35Page - Dialog Semiconductor DA7219 Datasheet HTML 36Page - Dialog Semiconductor DA7219 Datasheet HTML 37Page - Dialog Semiconductor DA7219 Datasheet HTML 38Page - Dialog Semiconductor DA7219 Datasheet HTML 39Page - Dialog Semiconductor DA7219 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
36 of 123
© 2015 Dialog Semiconductor
9.4
Output paths
9.4.1
Digital to Analogue Converter (DAC)
The DA7219 codec includes a stereo audio DAC. Left and right channels of the DAC are
independently and automatically enabled whenever the corresponding output filter channel is
enabled.
The DAC is clocked at 3.072 MHz or 2.8224 MHz depending on the output sample rate (SR). Left
and right channels of the DAC are independently and automatically enabled whenever the
corresponding output filter channel is enabled.
The integrated stereo DAC is suitable for high quality audio playback by MP3 players and by portable
multimedia players of all kinds.
The left and right channels of the DAC can be individually enabled using controls dac_l_en and
dac_r_en.
Each channel includes individual gain settings that are controllable in 0.75 dB steps from -78 dB to
12 dB using dac_l_digital_gain_status and dac_r_digital_gain_status. The currently active gain
settings are stored in DAC_L_GAIN_STATUS and DAC_R_GAIN_STATUS registers.
On the dedicated DAC_L_CTRL and DAC_R_CTRL registers, settings such as mute and ramping of
gain changes can be configured. If ramping is enabled using the control bits dac_l_ramp_en or
dac_r_ramp_en, the rate of the ramping can be controlled using gain_ramp_rate in the
GAIN_RAMP_CTRL register.
A digital high-pass filter for each DAC channel is implemented with a 3 dB cut-off frequency
controlled in the DAC_FILTERS1 register by dac_audio_hpf_corner. The high-pass filter is enabled
by control dac_hpf_en. After Reset, the high pass filters for both channels are enabled by default.
9.4.2
Headphone outputs
DIGITAL ENGINE
DACL
DACR
HP_L
HP_R
HP_L_AMP
-57: 1.0: +6 dB
HP_R_AMP
-57: 1.0: +6 dB
DA7219
MIXOUT_L
MIXOUT_R
Figure 18: Headphone output paths showing the two amplifiers
9.4.2.1
Buffer amplifier
The left-channel buffer amplifier MIXOUT_L, is enabled by setting mixout_l_amp_en = 1.
The right channel output buffer MIXOUT_R is controlled in the same manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com