Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 9Page - Dialog Semiconductor DA7219 Datasheet HTML 10Page - Dialog Semiconductor DA7219 Datasheet HTML 11Page - Dialog Semiconductor DA7219 Datasheet HTML 12Page - Dialog Semiconductor DA7219 Datasheet HTML 13Page - Dialog Semiconductor DA7219 Datasheet HTML 14Page - Dialog Semiconductor DA7219 Datasheet HTML 15Page - Dialog Semiconductor DA7219 Datasheet HTML 16Page - Dialog Semiconductor DA7219 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec-2015
13 of 123
© 2015 Dialog Semiconductor
5
Absolute maximum ratings
Table 3: Absolute maximum ratings
Parameter
Description
Conditions (Note 1)
Min
Max
Unit
Storage Temperature
–65
+165
°C
Operating Temperature
–40
+85
°C
VDD
Main supply voltage
–0.3
+2.75
V
VDD_IO
Digital IO supply voltage
–0.3
+5.5
V
VDD_MIC
Microphone bias supply
voltage
–0.3
+5.5
V
Digital IO pins
SDA, SCL, BCLK,
WCLK, DATIN,
DATOUT, MCLK
–0.3
VDD_IO + 0.3
V
Accessory detect pins
JACKDET
–0.3
VDD + 0.3
V
RING2, SLEEVE, MIC,
RING2_SENSE,
SLEEVE_SENSE
–0.3
VDD_MIC + 0.3
V
Analogue input pins
MIC_P, MIC_N
–0.3
VDD + 0.3
V
Package thermal resistance
°C/W
ESD susceptibility
Human body model
(HBM)
2
kV
Charged device model
(CDM)
500
V
Note 1
Stre
sses beyond those listed under ‘Absolute maximum ratings’ may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2
All figures are to JEDEC specifications
6
Recommended operating conditions
Table 4: Recommended operating conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
Operating temperature
–25
+85
°C
VDD
Main supply voltage
1.7
+2.5
V
VDD_IO
Digital IO supply voltage
1.5
+3.6
V
VDD_MIC
Microphone bias supply voltage
1.8
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com