Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 12Page - Dialog Semiconductor DA7219 Datasheet HTML 13Page - Dialog Semiconductor DA7219 Datasheet HTML 14Page - Dialog Semiconductor DA7219 Datasheet HTML 15Page - Dialog Semiconductor DA7219 Datasheet HTML 16Page - Dialog Semiconductor DA7219 Datasheet HTML 17Page - Dialog Semiconductor DA7219 Datasheet HTML 18Page - Dialog Semiconductor DA7219 Datasheet HTML 19Page - Dialog Semiconductor DA7219 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec-2015
16 of 123
© 2015 Dialog Semiconductor
Table 11: Electrical characteristics: audio_hpamp_stereo
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMAX
Full-scale output signal
No load
1.6×VDD
VPP
DC output offset
−30 dB gain
250
µV
Maximum output power
per channel
VDD = 1.8 V, THD < 0.1%,
RLOAD = 16 Ω, 1 kHz
27
mWRMS
Maximum output power
per channel
VDD = 2.5 V, THD < 0.1%,
RLOAD = 16 Ω, 1 kHz
45
mWRMS
Load resistance
Single-ended mode
13
16
Ω
Load capacitance
500
pF
Load inductance
400
µH
SNR
Signal to Noise Ratio
VDD = 1.8 V, 0 dB gain
98
dB
VDD = 2.5 V, 0 dB gain
100
dB
VNOISE
Output noise level
20 Hz to 20 kHz,
<20 dB gain
2.5
µVRMS
THD+N
Total harmonic distortion
plus noise
VDD = 1.8 V,
RLOAD = 16 Ω, -5 dBFS,
1 kHz
−75
dB
Programmable gain
−57
6
dB
Gain step size
1.0
dB
Absolute gain accuracy
0 dB @ 1 kHz
−0.8
0.8
dB
Left/right gain mismatch
20 Hz to 20 kHz
−0.1
0.1
dB
Gain step error
20 Hz to 20 kHz
−0.1
0.1
dB
Amplitude ripple
20 Hz to 20 kHz
−0.5
0.5
dB
Mute attenuation
−70
dB
PSRR
Power supply rejection
ratio
20 Hz to 2 kHz
2 kHz to 20 kHz
70
50
dB
Table 12: Electrical characteristics: Input filters
Parameter
Description
Conditions
Min
Typ
Max
Unit
BPASS
Pass band
0.45×FS
Hz
Pass band ripple
Voice mode
Music mode
±0.3
±0.1
dB
BSTOP
Stop band
FS
≤ 48 kHz
FS = 88.2 or 96 kHz
0.56×FS
7×FS
3.5×FS
Hz
Stop band attenuation
Voice mode
Music mode
70
55
dB
Group delay
Voice mode
Music mode
FS = 88.2 or 96 kHz
4.3/FS
18/FS
9/FS
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com