Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 68Page - Dialog Semiconductor DA7219 Datasheet HTML 69Page - Dialog Semiconductor DA7219 Datasheet HTML 70Page - Dialog Semiconductor DA7219 Datasheet HTML 71Page - Dialog Semiconductor DA7219 Datasheet HTML 72Page - Dialog Semiconductor DA7219 Datasheet HTML 73Page - Dialog Semiconductor DA7219 Datasheet HTML 74Page - Dialog Semiconductor DA7219 Datasheet HTML 75Page - Dialog Semiconductor DA7219 Datasheet HTML 76Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
72 of 123
© 2015 Dialog Semiconductor
Table 64: ALC_TARGET_MIN (Page 0: 0x0000009D)
Bit
Mode
Symbol
Description
Reset
5:0
R/W
alc_threshold_min
Sets the minimum amplitude of the ALC output
signal at which the ALC increases the gain. If the
minimum attenution level is reached, the ALC will
not increase the gain even if this threshold is
breached.
000000 = 0 dBFS
000001 = -1.5 dBFS
000010 = -3.0 dBFS
then continuing in -1.5 dBFS steps to...
111110 = -93.0 dBFS
111111 = -94.5 dBFS (default)
0x3F
Table 65: ALC_TARGET_MAX (Page 0: 0x0000009E)
Bit
Mode
Symbol
Description
Reset
5:0
R/W
alc_threshold_max
Sets the maximum amplitude of the ALC output
signal at which the ALC reduces the gain. If the
maximum attenution level is reached, the ALC will
not reduce the gain even if this threshold is
exceeded.
000000 = 0 dBFS
000001 = -1.5 dBFS
000010 = -3.0 dBFS
then continuing in -1.5 dBFS steps to...
111110 = -93.0 dBFS
111111 = -94.5 dBFS
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com