Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 31Page - Dialog Semiconductor DA7219 Datasheet HTML 32Page - Dialog Semiconductor DA7219 Datasheet HTML 33Page - Dialog Semiconductor DA7219 Datasheet HTML 34Page - Dialog Semiconductor DA7219 Datasheet HTML 35Page - Dialog Semiconductor DA7219 Datasheet HTML 36Page - Dialog Semiconductor DA7219 Datasheet HTML 37Page - Dialog Semiconductor DA7219 Datasheet HTML 38Page - Dialog Semiconductor DA7219 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
35 of 123
© 2015 Dialog Semiconductor
Figure 16: Equaliser filter band 4 frequency response at FS = 48 kHz
Figure 17: Equaliser filter band 5 frequency response at FS = 48 kHz
9.3.6.4
DAC soft mute
To improve the user’s perception of audio reconfigurations, the DAC channel signals may be soft
muted by asserting the control dac_softmute_en (in register. DAC_FILTERS5).The soft mute function
attenuates the digital input to the DAC, ramping the gain down in steps of 0.1875 dB from its current
level to -77.25 dB, then completely muting the channel. When dac_softmute_en is released, the
attenuation is set to -77.25 dB, and then ramped up to the previous gain level. Both left and right
channels of soft mute enabled output amplifiers are muted simultaneously. The ramping up and
down rate is dependent on the audio sample rate and can be individually configured using control
dac_softmute_en.
Setting dac_softmute_en = 1 enables a soft mute on both channels.
During active soft muting, the digital gain of the DAC will be different to the value programmed inside
controls dac_l_digital_gain_status and dac_r_digital_gain_status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com