Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 28Page - Dialog Semiconductor DA7219 Datasheet HTML 29Page - Dialog Semiconductor DA7219 Datasheet HTML 30Page - Dialog Semiconductor DA7219 Datasheet HTML 31Page - Dialog Semiconductor DA7219 Datasheet HTML 32Page - Dialog Semiconductor DA7219 Datasheet HTML 33Page - Dialog Semiconductor DA7219 Datasheet HTML 34Page - Dialog Semiconductor DA7219 Datasheet HTML 35Page - Dialog Semiconductor DA7219 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
32 of 123
© 2015 Dialog Semiconductor
9.3.6
Output processing
9.3.6.1
DAC digital gain
Each channel includes individual gain settings that are controllable in 0.75 dB steps ranging from
-78 dB (= mute) to 12 dB using dac_l_digital_gain and dac_r_digital_gain. The currently active gain
settings are stored in DAC_L_GAIN_STATUS and DAC_R_GAIN_STATUS registers.
9.3.6.2
High-pass filter
Any DC offset from the input path is removed via IIR filters (typically <2 Hz roll-off, configurable).
After reset the filters for both channels are enabled by default, but can be disabled by clearing
dac_hpf_en. The cut-off frequency of the filters can be programmed using dac_audio_hpf_corner.
During playback, dedicated voiceband filtering can be enabled using dac_voice_en in the
DAC_FILTERS1 register. In DAC voice mode, dac_voice_en must = 1 and dac_hpf_en must = 1 in
which case the HPF corner frequency is set using dac_voice_hpf_corner.
The low frequency roll off is configured over a wide range using the dac_voice_hpf_corner control.
In voice mode, the wind noise high-pass filter cut-off frequency is determined by the settings of the
adc_voice_hpf_corner and the dac_voice_hpf_corner register bits, These cut-off frequencies are not
fixed and vary with the sample rate being used. Table 25 shows the cut-off frequencies for all valid
settings of adc_voice_hpf_corner and dac_voice_hpf_corner, at all sample rates of 16 kHz and
below.
Table 25: Output high-pass filter settings
SR Sample Rate (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
0
00
0.33
0.46
0.5
0.67
0.92
1
1.33
1.84
2
3.68
4
01
0.67
0.92
1
1.33
1.84
2
2.67
3.68
4
7.35
8
10
1.33
1.84
2
2.67
3.68
4
5.33
7.35
8
14.7
16
11
2.67
3.68
4
5.33
7.35
8
10.6
7
14.7
16
29.4
32
1
000
2.5
3.45
3.75
5
Voice HPF not available for sample rates above
16 kHz.
001
25
34.5
37.5
50
010
50
68.9
75
100
011
100
137.8
150
200
100
150
206.7
225
300
101
200
275.6
300
400
110
300
413.4
450
600
111
400
551.3
600
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com