Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 83 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 83 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 79Page - Dialog Semiconductor DA7219 Datasheet HTML 80Page - Dialog Semiconductor DA7219 Datasheet HTML 81Page - Dialog Semiconductor DA7219 Datasheet HTML 82Page - Dialog Semiconductor DA7219 Datasheet HTML 83Page - Dialog Semiconductor DA7219 Datasheet HTML 84Page - Dialog Semiconductor DA7219 Datasheet HTML 85Page - Dialog Semiconductor DA7219 Datasheet HTML 86Page - Dialog Semiconductor DA7219 Datasheet HTML 87Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
83 of 123
© 2015 Dialog Semiconductor
Table 91: MIXOUT_R_SELECT (Page 0: 0x0000004C)
Bit
Mode
Symbol
Description
Reset
0
R/W
mixout_r_mix_select
Ouput right mixer channel selection
0 = No channel selected
1 = DAC_R selected as output
0x0
Table 92: MICBIAS_CTRL (Page 0: 0x00000062)
Bit
Mode
Symbol
Description
Reset
3
R/W
micbias1_en
Microphone Bias 1 control
0 = Micbias1 disabled
1 = Micbias1 enabled
0x0
2:0
R/W
micbias1_level
Microphone Bias 1 level control
000 = 1.6 V
001 = 1.8 V
010 = 2.0 V
011 = 2.2 V
100 = 2.4 V
101 = 2.6 V
110 = 2.8 V
111 = 2.9 V
This must only be modified while micbias_1 is
disabled (micbias1_en = 0)
0x3
Table 93: MIC_1_CTRL (Page 0: 0x00000063)
Bit
Mode
Symbol
Description
Reset
7
R/W
mic_1_amp_en
MIC_1 amplifier control
0 = MIC_1 disabled
1 = MIC_1 enabled
0x0
6
R/W
mic_1_amp_mute_e
n
MIC_1 amplifier mute control
0 = MIC_1 unmuted
1 = MIC_1 muted
0x1
5
-
mic_1_amp_ramp_e
n
MIC_1 amplifier gain ramping control
0 = Gain changes are instant
1 = Gain changes are ramped to the new level
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com