Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 17Page - Dialog Semiconductor DA7219 Datasheet HTML 18Page - Dialog Semiconductor DA7219 Datasheet HTML 19Page - Dialog Semiconductor DA7219 Datasheet HTML 20Page - Dialog Semiconductor DA7219 Datasheet HTML 21Page - Dialog Semiconductor DA7219 Datasheet HTML 22Page - Dialog Semiconductor DA7219 Datasheet HTML 23Page - Dialog Semiconductor DA7219 Datasheet HTML 24Page - Dialog Semiconductor DA7219 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec-2015
21 of 123
© 2015 Dialog Semiconductor
9
Functional description
DA7219 is a high-performance, low-power audio codec with in-built Advanced Accessory Detection
(AAD). The AAD supports the detection of three-pole (headphone or lineout) or four-pole (headset)
jacks, with automatic pin order switching of MIC/GND on CTIA and OMTP headsets.
The DA7219 contains a mono analogue microphone-to-ADC path and a digital audio interface (DAI)
for input and output. The DAC to headphone path has a ground centred, single ended stereo
headphone output.
The digital core has an input filter with a high pass filter, and automatic level control (ALC), while the
output filter has a high pass filter, and a 5-band EQ.
There is also a sidetone path with gain and a tone generator that supports Dual Tone Multi-
Frequency (DTMF).
9.1
Device operating modes
The DA7219 codec has three operating modes:
● DEEP SLEEP – There is no clocking in DEEP SLEEP mode and consequently no functionality
available and no accessory detection is performed. The system will awake when
system_active = 1.
● SLEEP – In SLEEP mode and with micbias OFF, AAD performs jack detection and jack
configuration detection. Any button press is detected, but identification of the button cannot be
performed until micbias is ON. No clocking is performed in SLEEP mode, and playback and
record are not supported.
● ON – AAD performs full-function accessory detection. Playback and record are supported.
All modes, their maximum current consumption, and functionality are listed in Table 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com