Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 91 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 91 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 87Page - Dialog Semiconductor DA7219 Datasheet HTML 88Page - Dialog Semiconductor DA7219 Datasheet HTML 89Page - Dialog Semiconductor DA7219 Datasheet HTML 90Page - Dialog Semiconductor DA7219 Datasheet HTML 91Page - Dialog Semiconductor DA7219 Datasheet HTML 92Page - Dialog Semiconductor DA7219 Datasheet HTML 93Page - Dialog Semiconductor DA7219 Datasheet HTML 94Page - Dialog Semiconductor DA7219 Datasheet HTML 95Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
91 of 123
© 2015 Dialog Semiconductor
Table 112: SR (Page 0: 0x00000017)
Bit
Mode
Symbol
Description
Reset
3:0
R/W
sr
Sample rate control:
0001 = 8.000 kHz
0010 = 11.025 kHz
0011 = 12.000 kHz
0101 = 16.000 kHz
0110 = 22.050 kHz
0111 = 24.000 kHz
1001 = 32.000 kHz
1010 = 44.100 kHz
1011 = 48.000 kHz
1110 = 88.200 kHz
1111 = 96.000 kHz
0xA
Table 113: GAIN_RAMP_CTRL (Page 0: 0x00000092)
Bit
Mode
Symbol
Description
Reset
1:0
R/W
gain_ramp_rate
Controls the speed of the gain ramping when
ramping is activated
0 = nominal rate * 8
1 = nominal rate
2 = nominal rate / 8
3 = nominal rate / 16 (slowest)
The nominal rate (excluding headphone circuits) =
0.88 ms/dB. The nominal rate for the headphone
circuits is = 1.3 ms/dB.
0x0
Table 114: PC_COUNT (Page 0: 0x00000094)
Bit
Mode
Symbol
Description
Reset
1
R/W
pc_resync_auto
Program Counter resynchronisation control
0 = No resynchronisation. If the DAI drifts with
respect to the system clocks, either a sample is
skipped or it is double-sampled
1 = Automatic resynchronisation if the DAI drifts
with respect to the system clock
0x1
0
R/W
pc_freerun
Controls the filter operation when the DAI is not
enabled or when no DAI clocks are available on the
ADC to DAC processing path
0 = Filters are synchronised to the DAI
1 = Filters are free running
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com