Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 41Page - Dialog Semiconductor DA7219 Datasheet HTML 42Page - Dialog Semiconductor DA7219 Datasheet HTML 43Page - Dialog Semiconductor DA7219 Datasheet HTML 44Page - Dialog Semiconductor DA7219 Datasheet HTML 45Page - Dialog Semiconductor DA7219 Datasheet HTML 46Page - Dialog Semiconductor DA7219 Datasheet HTML 47Page - Dialog Semiconductor DA7219 Datasheet HTML 48Page - Dialog Semiconductor DA7219 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
45 of 123
© 2015 Dialog Semiconductor
9.5.3
Three-pole or four-pole jack insertion
The type of jack inserted can be determined automatically by setting jack_type_det_en = 1.
Once the jack insertion measurement has been completed as indicated by
e_jack_detect_complete = 1, the AAD determines whether a three-pole or a four-pole jack has been
inserted. This is done by measuring the resistance between the SLEEVE and the RING2 pins. If the
measured impedance is below the threshold setting, a three-pole jack is deemed to have been
inserted. If the resistance is above this threshold setting, a four-pole jack is deemed to have been
inserted.
Note that if a mono two-pole jack is inserted, the AAD will detect this as a three-pole jack, but the
two-pole jack will work as designed, that is, as a mono output.
The threshold setting used to determine whether a three-pole or a four-pole jack has been inserted is
set using mic_det_thresh. The settings are listed in Table 33.
Table 33: Resistance threshold settings for three-pole and four-pole jack determination
mic_det_thresh
Resistance
threshold (
Ω)
00
200
01
500 (default)
10
750
11
1000
Once the jack type has been successfully determined, the type of jack is recorded in jack_type_sts. A
three-pole jack is indicated by jack_type_sts = 0, and a four-pole jack by jack_type_sts = 1.
The jack type status recorded in the register field jack_type_sts is not valid until the measurement
has been completed. Measurement completion is indicated when e_jack_detect_complete = 1. Note
that e_jack_detect_complete = 1 indicates the completion of both the jack_type_sts measurement
and the jack_pin_order_sts measurement.
The measurement of the type of jack, which is performed automatically when jack_type_det_en = 1,
can be overridden if required. To do this, set jack_type_det_en = 0 to prevent the measurement
taking place, and then use the jack_type_force register field to force the jack type. A three-pole jack
is specified by setting jack_type_force = 0, and a four-pole jack by setting jack_type_force = 1.
9.5.4
Jack pin order detection with four-pole jacks
Two different polarities are widely used with four-pole jacks. These are the CTIA tip-ring-ring-sleeve
configuration of GND-MIC-RIGHT-LEFT, and the OMTP configuration of MIC-GND-RIGHT-LEFT.
If pin_order_det_en = 1, the detection of jack configuration is performed automatically. The
measurement of jack configuration can be overridden by setting pin_order_det_en = 0, and using
pin_order_force = 0 to specify the CTIA configurations. Setting pin_order_force = 1 specifies the
OMTP configuration.
The jack configuration status recorded in the register field jack_pin_order_sts is not valid until the
measurement has been completed. Measurement completion is indicated when
e_jack_detect_complete = 1. Note that e_jack_detect_complete = 1 indicates the completion of both
jack_type_sts measurement and jack_pin_order_sts measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com