Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 7Page - Dialog Semiconductor DA7219 Datasheet HTML 8Page - Dialog Semiconductor DA7219 Datasheet HTML 9Page - Dialog Semiconductor DA7219 Datasheet HTML 10Page - Dialog Semiconductor DA7219 Datasheet HTML 11Page - Dialog Semiconductor DA7219 Datasheet HTML 12Page - Dialog Semiconductor DA7219 Datasheet HTML 13Page - Dialog Semiconductor DA7219 Datasheet HTML 14Page - Dialog Semiconductor DA7219 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec-2015
11 of 123
© 2015 Dialog Semiconductor
4.4
Interface output pins
Pin nIRQ
nIRQ is the open drain active-low interrupt output to alert the host to either an accessory or a
level-detect event.
Pin DATOUT
DATOUT is the data output pin which forms part of the Digital Audio Interface. It is used to present
audio record data to the host.
4.5
Interface bidirectional pins
Pin SDA
SDA is the Control Interface (I2C) data input/output and is used in conjunction with SCL to control the
device.
Pin BCLK
BCLK is the bit clock input/output pin which forms part of the Digital Audio Interface (DAI). It is used
to clock audio data bits into or out from the device or both.
Pin WCLK
WCLK is the word clock input/output pin which forms part of the DAI. It is used to indicate whether
the data bits belong to the left or right audio channel.
4.6
Headphone output pins
Pin HP_L
3.6.2
HP_L is the left-channel headphone output. It is ground-centred so the headphone speaker
can be connected directly between HP_L and ground.
Pin HP_R
HP_R is the right-channel single ended headphone output. It is ground-centred so the headphone
speaker can be connected directly between HP_R and ground.
4.7
Charge pump pins
Pin HPCSP
HPCSP is the positive output from the headphone charge pump. It should be connected to GND_CP
via a reservoir capacitor.
Pin HPCSN
HPCSN is the negative output from the headphone charge pump. It must be connected to GND_CP
via a reservoir capacitor.
Pin HPCFP
HPCFP is one of the flying capacitor connections required by the headphone charge pump. It must
be connected to HPCFN via a capacitor.
Pin HPCFN
HPCFN is one of the flying capacitor connections required by the headphone charge pump. It must
be connected to HPCFP via a capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com