Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 35Page - Dialog Semiconductor DA7219 Datasheet HTML 36Page - Dialog Semiconductor DA7219 Datasheet HTML 37Page - Dialog Semiconductor DA7219 Datasheet HTML 38Page - Dialog Semiconductor DA7219 Datasheet HTML 39Page - Dialog Semiconductor DA7219 Datasheet HTML 40Page - Dialog Semiconductor DA7219 Datasheet HTML 41Page - Dialog Semiconductor DA7219 Datasheet HTML 42Page - Dialog Semiconductor DA7219 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
39 of 123
© 2015 Dialog Semiconductor
Table 29: cp_thresh_vdd2 settings in signal size mode (cp_mchange = 11)
cp_thresh_vdd2 setting
Approximate switching
point (Note 6)
Notes
0x00
Never
Not recommended. Always VDD/1 mode
0x01
Never
Not recommended. Always VDD/1 mode
0x02
-32 dBFS
Not recommended. Very power-inefficient as
nearly always VDD/1
0x03
-24 dBFS
Good to use
0x04
-20 dBFS
Good to use
0x05
-17 dBFS
Good to use
0x06
-15 dBFS
Recommended setting
0x07
-13 dBFS
Good to use
0x08
-12 dBFS
Good to use
0x09
-11 dBFS
Good to use
0x0A
-10 dBFS
Good to use
0x0B
-9 dBFS
Not recommended. VDD/2 begins to clip
0x0C
Never
Not recommended. Always VDD/2 mode
0x0D
Never
Not recommended. Always VDD/2 mode
0x0E
Never
Not recommended. Always VDD/2 mode
0x0F
Never
Not recommended. Always VDD/2 mode
Note 6
Full Scale (FS) = 1.6 * VDD_A
9.4.4
Tracking the demands on the charge pump output
There are three points at which the demands on the charge pump can be tracked. These tracking
points are determined by cp_mchange.
9.4.4.1
cp_mchange = 01 (tracking the PGA gain setting)
If cp_mchange = 01, it is the PGA gain setting that is tracked, and which provides the feedback to
boost the clock frequency when necessary.
9.4.4.2
cp_mchange = 10 (tracking the DAC signal setting)
If cp_mchange = 10, it is the size of the DAC signal that is tracked, and which provides the feedback
to boost the clock frequency when necessary.
9.4.4.3
cp_mchange = 11 (tracking the output signal magnitude)
If cp_mchange = 11, it is the magnitude of the output signal that is tracked, and which provides the
feedback to boost the clock frequency when necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com