Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 67 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 67 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 63Page - Dialog Semiconductor DA7219 Datasheet HTML 64Page - Dialog Semiconductor DA7219 Datasheet HTML 65Page - Dialog Semiconductor DA7219 Datasheet HTML 66Page - Dialog Semiconductor DA7219 Datasheet HTML 67Page - Dialog Semiconductor DA7219 Datasheet HTML 68Page - Dialog Semiconductor DA7219 Datasheet HTML 69Page - Dialog Semiconductor DA7219 Datasheet HTML 70Page - Dialog Semiconductor DA7219 Datasheet HTML 71Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
67 of 123
© 2015 Dialog Semiconductor
Table 55: ACCDET_CONFIG_7 (Page 0: 0x000000CC)
Bit
Mode
Symbol
Description
Reset
5
R/W
jack_type_force
Specifies the Jack type when jack type detection is
disabled (jack_type_det_en is 0)
0 = 3-pole jack is specified
1 = 4-pole jack is specified
0x0
4
R/W
pin_order_force
Specifies the jack pin order for 4-Pole Jacks when
pin order detection is disabled (pin_order_det_en =
0)
0 = LRGM (CTIA format)
1 = LRMG (OMTP format)
0x0
3:2
R/W
adc_1_bit_repeat
Sets the number of repeated 1-bit measurements.
Repeating the 1-bit measurements multiple times
gives greater noise immunity but adds latency, and
possible distortion, during periodic button checking
00 = One 1-bit measurement (default)
01 = Two 1-bit measurements
10 = Four 1-bit measurements
11 = Eight 1-bit measurements
0x0
1:0
R/W
button_average
Sets the number of repeated 8-bit ADC
measurements used to generate an averaged result
Using more measurements for averaging will
increase button-checking noise immunity but also
increases the detection latency by about 1 ms per
measurement
00 = One 8-bit measurement (no averaging)
01 = Two 8-bit measurements used for averaging
(default)
10 = Four 8-bit measurements used for averaging
11 = Eight 8-bit measurements used for averaging
0x1
Table 56: ACCDET_CONFIG_8 (Page 0: 0x000000CD)
Bit
Mode
Symbol
Description
Reset
4
R
hptest_comp
HP TEST comparator result
1 = HP Impedance is < Threshold
0 = HP Impedance is > Threshold
0x0
2:1
R/W
hptest_res_sel
HP Impedance Test threshold control
00 - 1000
Ω
01 = 2500
Ω
10 = 5000
Ω
11 = 10000
Ω
0x1
0
R/W
hptest_en
Headphone Impedance test block control
0 = HP Impedance test block disabled
1 = HP Impedance test block enabled
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com